Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CW574G-T90-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # CW574G-T90-R
Description  33V COLOR TV VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CW574G-T90-R Datasheet(HTML) 3 Page - Unisonic Technologies

  CW574G-T90-R Datasheet HTML 1Page - Unisonic Technologies CW574G-T90-R Datasheet HTML 2Page - Unisonic Technologies CW574G-T90-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CW574
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R111-008.D
APPLICATION CIRCUIT
115V
Rs
Vi
2
1
33V
A
R2
R3
R10
R11
R12
TUNER CONTROL
AGC
Bu
BV
BL
AFT
VT
+B
IE
The UTC CW574 is a parallel voltage regulator which provides stable harmonious voltage for high frequency tuner
head of color TV.
The main power 115V goes through Rs resister to position 2 of UTC CW574 then the position A with 33V
provides stable voltage for control circuit of high frequency tuner. The circuit from R3 to R10 is potential meter for
tuning, according to different channels to change contact positions; to provide corresponding voltage to tuner; and to
control the capacity of varicap diode in order to have high frequency tuner into proper channel.
The voltage range of UTC CW574 is required to cover necessary frequency range, and main issue of UTC
CW574
is its reliable voltage stability which avoids unexpected frequency offset; therefore, the circuit of UTC CW574
contains temperature compensation to have lowermost temperature coefficient.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com