Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US2829 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # US2829
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2829 Datasheet(HTML) 3 Page - Unisonic Technologies

  US2829_11 Datasheet HTML 1Page - Unisonic Technologies US2829_11 Datasheet HTML 2Page - Unisonic Technologies US2829_11 Datasheet HTML 3Page - Unisonic Technologies US2829_11 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
US2829
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-361.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.3 ~ +15
V
Input Voltage
VIN
-0.3 ~ VCC +0.5
V
Output Voltage
VOUT
-0.5 ~ VCC +0.5
V
Continuous Output Current
IOUT
±100
mA
Power Dissipation
PD
437
mW
Derated Above 25°C
3.5
mW/°C
Operating Temperature
TOPR
-40 ~ + 125
°C
Storage Temperature
TSTG
-65 ~ + 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4
14
V
Input Voltage
VIN
-0.3
VCC
V
Operating Temperature
TOPR
-40
125
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
High-Level Output Voltage
VOH
VCC=10V, IOH=-1mA
9.75
9.9
V
VCC=10V, IOH=-100mA
8
9.1
V
Low-Level Output Voltage
VOL
VCC=10V, IOL=1mA
0.18 0.25
V
VCC=10V, IOL=100mA
1
2
V
Positive-going input threshold
voltage
VT+
VCC=5V
3.3
4
V
VCC=10V
6.6
7
V
VCC=14V
9.3
10
V
Negative-going input threshold
voltage
VT-
VCC=5V
1
1.7
V
VCC=10V
2
3.3
V
VCC=14V
2.5
4.6
V
Input voltage hysteresis
VT+-VT-
1.3
V
Input Leakage Current
II(LEAK)
VCC=10V, VIN=0 or VCC
0.2
μA
Supply Current
ICC
VCC=10V, VIN=VCC or GND, IOUT=0
0.1
15
μA
Input Capacitance
CIN
VCC=10V
5
10
pF
SWITCHING CHARACTERISTICS (see TEST CIRCUIT AND WAVEFORMS)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Propagation delay from input
(IN) to output(OUT)
tPLH
tPHL
VCC=14V, CL=1nF
40
ns
VCC=10V, CL=1nF
24
45
ns
VCC=5V, CL=1nF
50
ns
Output transition time
tr/tf
VCC=14V, CL=1nF
25
ns
VCC=10V, CL=1nF
14
30
ns
VCC=5V, CL=1nF
35
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com