Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT3N01Z Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3N01Z
Description  N CHANNEL SILICON MOSFET GENERAL-PURPOSE SWITCHING DEVICE APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3N01Z Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3N01Z Datasheet HTML 1Page - Unisonic Technologies UT3N01Z Datasheet HTML 2Page - Unisonic Technologies UT3N01Z Datasheet HTML 3Page - Unisonic Technologies UT3N01Z Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3N01Z
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-285.A
N CHANNEL SILICON MOSFET
GENERAL-PURPOSE SWITCHING
DEVICE APPLICATIONS
DESCRIPTION
The UT3N01Z uses UTC advanced technology to provide excellent
RDS(ON), low gate charge and operation with low gate voltages. This
device’s general purpose is for switching device applications.
FEATURES
* RDS(ON) = 3.7Ω @VGS = 4 V
* Ultra low gate charge ( typical 1.58 nC )
* Low reverse transfer capacitance ( CRSS = typical 2.3 pF )
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
* Halogen-Free
SYMBOL
2.Gate
1.Source
3.Drain
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
Packing
UT3N01ZG-AL3-R
SOT-323
S
G
D
Tape Reel
UT3N01ZG-AN3-R
SOT-523
S
G
D
Tape Reel
MARKING


Similar Part No. - UT3N01Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3N01ZG-AE2-R UTC-UT3N01ZG-AE2-R Datasheet
230Kb / 6P
N-CHANNEL SILICON MOSFET GENERAL-PURPOSE SWITCHING DEVICE
UT3N01ZG-AL3-R UTC-UT3N01ZG-AL3-R Datasheet
230Kb / 6P
N-CHANNEL SILICON MOSFET GENERAL-PURPOSE SWITCHING DEVICE
UT3N01ZG-AL6-R UTC-UT3N01ZG-AL6-R Datasheet
230Kb / 6P
N-CHANNEL SILICON MOSFET GENERAL-PURPOSE SWITCHING DEVICE
UT3N01ZG-AN3-R UTC-UT3N01ZG-AN3-R Datasheet
230Kb / 6P
N-CHANNEL SILICON MOSFET GENERAL-PURPOSE SWITCHING DEVICE
UT3N01Z UTC-UT3N01Z_15 Datasheet
230Kb / 6P
N-CHANNEL SILICON MOSFET GENERAL-PURPOSE SWITCHING DEVICE
More results

Similar Description - UT3N01Z

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3477 SANYO-MCH3477 Datasheet
58Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
SCH2409 SANYO-SCH2409 Datasheet
57Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com