Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3416 Datasheet(PDF) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TCS3416
Description  DIGITAL COLOR SENSORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TCS3416 Datasheet(HTML) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TCS3416 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3416 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3416 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3416 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3416 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3416 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3416 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3416 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3416 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
7
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
TYPICAL CHARACTERISTICS
Figure 5
SPECTRAL RESPONSIVITY
CS PACKAGE
λ − Wavelength − nm
0
400
20
40
60
80
100
500
600
700
800
900
1000 1100
300
Clear
Blue
Green
Red
Figure 6
SPECTRAL RESPONSIVITY
FN PACKAGE
λ − Wavelength − nm
0
400
20
40
60
80
100
500
600
700
800
900
1000 1100
300
120
Clear
Red
Green
Blue
Note: Spectral responsivity is normalized at 655 nm.
Note: Spectral responsivity is normalized at 850 nm.
Figure 7
IDD OFF
vs.
FREE-AIR TEMPERATURE
(Power Down)
TA − Free-Air Temperature − °C
600
650
700
750
800
850
900
950
0
25
50
75
100
3.6 V
2.7 V
3.0 V
3.3 V
Figure 8
0
25
50
75
100
IDD ON
vs.
FREE-AIR TEMPERATURE
(Power On — ADC Inactive)
TA − Free-Air Temperature − °C
2.7 V
3.0 V
7.0
7.5
8.0
8.5
9.0
9.5
3.6 V
3.3 V
Note: When the device is powered on and the ADC is active,
IDD is approximately 1 mA higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com