Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC1200 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # CLC1200
Description  Instrumentation Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1200 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  CLC1200 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1200 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Data Sheet
©2008, 2010-2011 CADEKA Microcircuits LLC
www.cadeka.com
4
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tS
Settling Time to 0.01%
G = 1 to 100, 5V step
13
μs
G = 1,000, 5V step
110
μs
eni
Input Voltage Noise
1kHz, G = 1,000,
VS = ±15V
6.6
13
nV/√Hz
eno
Output Voltage Noise
1kHz, G = 1,
VS = ±15V
70
100
nV/√Hz
RTI
RTI, 0.1Hz to 10Hz
G = 1
5
μVpp
G = 10,
VS = ±15V
0.8
μVpp
G = 100,
VS = ±15V
0.2
0.4
μVpp
Current Noise
f = 1kHz
100
fA/√Hz
0.1Hz to 10Hz
10
pApp
Reference Input
RIN
Input Impedance
20
IIN
Input Current
VS = ±16.5V
50
60
μA
Voltage Range
VS = ±15V
-VS +1.6
+VS -1.6
V
Gain to Output
1 ± 0.0001
Power Supply
VS
Operating Range
±2.3
±18
V
IS
Supply Current
VS = ±16.5V
1.3
2.2
mA
Notes:
1. 100% tested at 25°C
2. Nominal reference voltage gain is 1.0
3. Input voltage range = CMV + (G VDIFF)/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com