Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC2008ISO8X Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CLC2008ISO8X
Description  0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2008ISO8X Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CLC2008ISO8X Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC2008ISO8X Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC2008ISO8X Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC2008ISO8X Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2008ISO8X Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2008ISO8X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2008ISO8X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2008ISO8X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2008ISO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Data Sheet
©2009-2011 CADEKA Microcircuits LLC
www.cadeka.com
Comlinear® CLC1008, CLC1018, CLC2008
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
FEATURES
n
505μA supply current
n
75MHz bandwidth
n
Power down to 33μA (CLC1018)
n
Input voltage range with 5V supply:
-0.3V to 3.8V
n
Output voltage range with 5V supply:
0.07V to 4.86V
n
50V/μs slew rate
n
12nV/√Hz input voltage noise
n
15mA linear output current
n
Fully specified at 2.7V and 5V supplies
n
Replaces AD8031 in VS ≤ 5 applications
n
CLC1008: Pb-free SOT23-5, SOIC-8
n
CLC1018: Pb-free SOT23-6, SOIC--8
n
CLC2008: Pb-free MSOP-8, SOIC-8
APPLICATION S
n
Portable/battery-powered applications
n
Mobile communications, cell phones,
pagers
n
ADC buffer
n
Active filters
n
Portable test instruments
n
Signal conditioning
n
Medical Equipment
n
Portable medical instrumentation
General Description
The COMLINEAR CLC1008 (single), CLC1018 (single with disable), and
CLC2008 (dual) offer superior dynamic performance with 75MHz small signal
bandwidth and 50V/μs slew rate. These amplifiers use only 505μA of supply
current and are designed to operate from a supply range of 2.5V to 5.5V
(±1.25 to ±2.75).The combination of low power, high output current drive,
and rail-to-rail performance make the CLC1008, CLC1018, and CLC2008 well
suited for battery-powered communication/ computing systems.
The combination of low cost and high performance make the CLC1008,
CLC1018, and CLC2008 suitable for high volume applications in both
consumer and industrial applications such as wireless phones, scanners, and
color copiers.
Typical Performance Examples
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CLC1008IST5X*
SOT23-5
Yes
Yes
-40°C to +85°C
Reel
CLC1008ISO8X*
SOIC-8
Yes
Yes
-40°C to +85°C
Reel
CLC1018IST6X*
SOT23-6
Yes
Yes
-40°C to +85°C
Reel
CLC1018ISO8X*
SOIC-8
Yes
Yes
-40°C to +85°C
Reel
CLC2008IMP8X*
MSOP-8
Yes
Yes
-40°C to +85°C
Reel
CLC2008ISO8X
SOIC-8
Yes
Yes
-40°C to +85°C
Reel
Moisture sensitivity level for all parts is MSL-1. *Advance Information, contact CADEKA for availability.
Frequency (MHz)
0.1
1
10
100
Vo = 1Vpp
Vo = 2Vpp
Vo = 4Vpp
Frequency (MHz)
0.01
1
100
10
0.1
Frequency Response vs. VOUT
Frequency Response vs. Temperature


Similar Part No. - CLC2008ISO8X

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC2008ISO8X EXAR-CLC2008ISO8X Datasheet
2Mb / 16P
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
More results

Similar Description - CLC2008ISO8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
logo
Analog Devices
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
CLC1009 EXAR-CLC1009 Datasheet
1Mb / 15P
0.2mA, Low Cost, 2.5 to 5.5V, 35MHz Rail-to-Rail Amplifiers
CLC1010 EXAR-CLC1010 Datasheet
1Mb / 15P
Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
XR1008 EXAR-XR1008 Datasheet
750Kb / 17P
0.5mA, 75MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com