Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # LM358
Description  Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

LM358 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  LM358 Datasheet HTML 1Page - Cadeka Microcircuits LLC. LM358 Datasheet HTML 2Page - Cadeka Microcircuits LLC. LM358 Datasheet HTML 3Page - Cadeka Microcircuits LLC. LM358 Datasheet HTML 4Page - Cadeka Microcircuits LLC. LM358 Datasheet HTML 5Page - Cadeka Microcircuits LLC. LM358 Datasheet HTML 6Page - Cadeka Microcircuits LLC. LM358 Datasheet HTML 7Page - Cadeka Microcircuits LLC. LM358 Datasheet HTML 8Page - Cadeka Microcircuits LLC. LM358 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet
©2011 CADEKA Microcircuits LLC
www.cadeka.com
LM358, LM324
Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
FEATURES
n
Unity gain stable
n
100dB voltage gain
n
550kHz unity gain bandwidth
n
0.5mA supply current
n
20nA input bias current
n
2mV input offset voltage
n
3V to 36V single supply voltage range
n
±1.5V to ±18V dual supply voltage range
n
Input common mode voltage range
includes ground
n
0V to VS-1.5V output voltage swing
n
Improved replacements for industry
standard LM358 and LM324
n
LM358: Pb-free SOIC-8
n
LM324: Pb-free SOIC-14
APPLICATION S
n
Battery Charger
n
Active Filters
n
Transducer amplifiers
n
General purpose controllers
n
General purpose instruments
General Description
The LM358 (dual), and LM324 (quad) are voltage feedback amplifiers that
are internally frequency compensated to provide unity gain stability. At unity
gain (G=1), these amplifiers offer 550kHz of bandwidth. They consume only
0.5mA of supply current over the entire power supply operating range. The
LM358, and LM324 are specifically designed to operate from single or dual
supply voltages.
The LM358, and LM324 offer a common mode voltage range that includes
ground and a wide output voltage swing. The combination of low-power,
high supply voltage range, and low supply current make these amplifiers well
suited for many general purpose applications and as alternatives to several
industry standard amplifiers on the market today.
Typical Application - Voltage Controlled Oscillator (VCO)
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
LM358ISO8X
SOIC-8
Yes
Yes
-40°C to +85°C
Reel
LM324ISO14X
SOIC-14
Yes
Yes
-40°C to +85°C
Reel
Moisture sensitivity level for all parts is MSL-1.
VCC
V+/2
R
100k
51k
51k
0.05µF
Output 2
51k
R/2
50k
+
1/2
CLCx050
+
1/2
CLCx050
Output 1
100k
10k
LM358
LM358


Similar Part No. - LM358

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
160Kb / 16P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
NXP Semiconductors
LM358 PHILIPS-LM358 Datasheet
122Kb / 12P
Low power dual operational amplifi
2002 Jul 12
logo
STMicroelectronics
LM358 STMICROELECTRONICS-LM358 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Wing Shing Computer Com...
LM358 WINGS-LM358 Datasheet
91Kb / 4P
Dual Operation Amplifiers
More results

Similar Description - LM358

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112 Datasheet
167Kb / 12P
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
logo
Cadeka Microcircuits LL...
CLC1050 CADEKA-CLC1050 Datasheet
2Mb / 17P
Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
250Kb / 20P
Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
logo
Texas Instruments
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
logo
Maxim Integrated Produc...
MAX44244 MAXIM-MAX44244 Datasheet
905Kb / 13P
36V, Precision, Low-Power, 90μA, Single/Quad/Dual Op Amps
Rev 1; 6/13
logo
Exar Corporation
CLC1050 EXAR-CLC1050 Datasheet
1Mb / 17P
Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
logo
3PEAK INC.
LM393 3PEAK-LM393 Datasheet
1Mb / 13P
36V Low Power Dual/Quad Differential Comparators
LM2903 3PEAK-LM2903 Datasheet
651Kb / 12P
36V Low Power Dual/Quad Differential Comparators
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com