Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321 Datasheet(PDF) 14 Page - Cadeka Microcircuits LLC.

Part # LMV321
Description  General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

LMV321 Datasheet(HTML) 14 Page - Cadeka Microcircuits LLC.

Back Button LMV321 Datasheet HTML 7Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 8Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 9Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 10Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 11Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 12Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 13Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 14Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 15Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Data Sheet
©2009-2012 CADEKA Microcircuits, LLC
www.cadeka.com
14
supply decoupling
Place the 6.8µF capacitor within 0.75 inches of the power
pin
Place the 0.1µF capacitor within 0.1 inches of the power pin
Remove the ground plane under and around the part,
especially near the input and output pins to reduce
parasitic capacitance
Minimize all trace lengths to reduce series inductances
Evaluation Board Schematics
Evaluation board schematics and layouts are shown in
Figures 7-9. These evaluation boards are built for dual
supply operation. Follow these steps to use the board
in a single-supply application:
1. Short -Vs to ground.
2. Use C3 (6.8uF) and C4 (0.1uF), if the -VS pin of the
amplifier is not directly connected to the ground plane.
Figure 7. CEB004 Schematic
Figure 8. CEB004 Top View
Figure 9. CEB004 Bottom View
RL
+
-
Rf
0.1µF
6.8µF
Output
Input
+Vs
Rg
0.1µF
6.8µF
RL
Rin
-Vs
1
3
2
5
4
Rout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com