Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT136F Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT136F
Description  TRIACS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT136F Datasheet(HTML) 3 Page - Unisonic Technologies

  UT136F_11 Datasheet HTML 1Page - Unisonic Technologies UT136F_11 Datasheet HTML 2Page - Unisonic Technologies UT136F_11 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UT136F/G
Preliminary
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R401-021.Ca
DYNAMIC CHARACTERISTICS (TJ =25°C, unless otherwise specified)
MIN
PARAMETER
SYMBOL
TEST CONDITIONS
UT136F UT136G
TYP MAX UNIT
Critical Rate Of Rise Of
Off-State Voltage
dVD/dt
VDM=67% VDRM(max), TJ=125°C,
exponential waveform, gate open circuit
50
200
250
V/μs
Critical Rate Of Change
Of Commutating
Voltage
dVcom/dt
VDM=400V, TJ=95°C, IT(RMS)=4A,
dIcom/dt=1.8A/ms, gate open circuit
10
50
V/μs
Gate Controlled
Turn-On Time
tgt
ITM=6A, VD=VDRM(max), IG=0.1A,
dIG/dt=5A/μs
2
μs
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com