Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2580 Datasheet(PDF) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL2580
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL2580 Datasheet(HTML) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL2580 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2580 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2580 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2580 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2580 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2580 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2580 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2580 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2580 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TSL2580, TSL2581
LIGHT-TO-DIGITAL CONVERTER
TAOS098 − MARCH 2010
4
r
r
Copyright
E 2010, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Electrical Characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I
Supply current
Active
175
250
μA
IDD
Supply current
Power down
3
10
μA
V
INT SDA output low voltage
3 mA sink current
0
0.4
V
VOL
INT, SDA output low voltage
6 mA sink current
0
0.6
V
I LEAK
Leakage current
−5
5
μA
Operating Characteristics, VDD = 3 V, TA = 255C, (unless otherwise noted) (Notes 1, 2, 3, and 4)
PARAMETER
TEST CONDITIONS
CHANNEL
MIN
TYP
MAX
UNIT
fosc
Oscillator frequency
705
750
795
kHz
Dark ADC count value
Ee = 0, ITIME = 0xB6 (200 ms),
Ch0
0
1
5
counts
Dark ADC count value
Ee = 0, ITIME = 0xB6 (200 ms),
gain = 16
×
Ch1
0
1
5
counts
ITIME
0xDB (100 ms)
Ch0
37887
Full scale ADC count value
ITIME = 0xDB (100 ms)
Ch1
37887
counts
Full scale ADC count value
ITIME
0x6C (400 ms)
Ch0
65535
counts
ITIME = 0x6C (400 ms)
Ch1
65535
λp = 625 nm, ITIME = 0xF6 (27 ms)
Ch0
4000
5000
6000
ADC count value
λp = 625 nm, ITIME = 0xF6 (27 ms)
Ee = 171.6 μW/cm2, gain = 16
×
Ch1
700
counts
ADC count value
λp = 850 nm, ITIME = 0xF6 (27 ms)
Ch0
4000
5000
6000
counts
λp = 850 nm, ITIME = 0xF6 (27 ms)
Ee = 220 μW/cm2, gain = 16
×
Ch1
2750
λ
625 nm
10 8
15 8
20 8
ADC count value ratio: Ch1/Ch0
λp = 625 nm
10.8
15.8
20.8
%
ADC count value ratio: Ch1/Ch0
λ
850 nm
41
55
68
%
ADC count value ratio: Ch1/Ch0
λp = 850 nm
41
55
68
%
λ
625 nm ITIME
0xF6 (27 ms)
Ch0
29.1
R
Irradiance responsivity
λp = 625 nm, ITIME = 0xF6 (27 ms)
Ch1
4
counts/
(
μW/
Re
Irradiance responsivity
λ
850 nm ITIME
0xF6 (27 ms)
Ch0
22.8
(
μW/
cm2)
λp = 850 nm, ITIME = 0xF6 (27 ms)
Ch1
12.5
cm2)
8
×
Ch0
7
8
9
8
×
Ch1
7
8
9
Gain scaling (relative to 1
×)
16
×
Ch0
15
16
17
×
Gain scaling (relative to 1
×)
16
×
Ch1
15
16
17
×
111
×
Ch0
97
107
115
111
×
Ch1
100
115
125
NOTES: 1. Optical measurements are made using small-angle incident radiation from light-emitting diode optical sources. Visible 640 nm LEDs
and infrared 850 nm LEDs are used for final product testing for compatibility with high-volume production.
2. The 625 nm irradiance Ee is supplied by an AlInGaP light-emitting diode with the following characteristics: peak wavelength
λp = 625 nm and spectral halfwidth Δλ½ = 20 nm.
3. The 850 nm irradiance Ee is supplied by a light-emitting diode with the following characteristics: peak wavelength
λp = 850 nm and spectral halfwidth Δλ½ = 42 nm.
4. The integration time Tint, is dependent on internal oscillator frequency (fosc) and on the number of integration cycles (ITIME) in the
Timing Register (0xFF) as described in the Register section. For nominal fosc = 750 kHz, nominal Tint = 2.7 ms
× ITIME.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com