Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSGK372 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # LSGK372
Description  Super Multi ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSGK372 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  LSGK372 Datasheet HTML 1Page - Siemens Semiconductor Group LSGK372 Datasheet HTML 2Page - Siemens Semiconductor Group LSGK372 Datasheet HTML 3Page - Siemens Semiconductor Group LSGK372 Datasheet HTML 4Page - Siemens Semiconductor Group LSGK372 Datasheet HTML 5Page - Siemens Semiconductor Group LSGK372 Datasheet HTML 6Page - Siemens Semiconductor Group LSGK372 Datasheet HTML 7Page - Siemens Semiconductor Group LSGK372 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Semiconductor Group
6
LSG K372, LSP K372
Durchlaßstrom, Pulsbetrieb
I
F = f (VF)
Forward current, pulsed
T
A = 25 ˚C
Maximal zulässiger Durchlaßstrom
I
F = f (TA)
Max. permissible forward current
Relativer Lichtstrom
Φ
V / ΦV(50 mA) = f (IF)
Relative luminous flux
T
A = 25 ˚C
Zulässige Impulsbelastbarkeit
I
F = f (tP)
Permissible pulse handling capability
Duty cycle D = parameter,
T
A = 25 ˚C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com