Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT2955 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT2955
Description  SINGLE P-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2955 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT2955 Datasheet HTML 1Page - Unisonic Technologies UT2955 Datasheet HTML 2Page - Unisonic Technologies UT2955 Datasheet HTML 3Page - Unisonic Technologies UT2955 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT2955
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-250.B
SINGLE P-CHANNEL POWER
MOSFET
DESCRIPTION
The UT2955 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is suitable for use as a load switch, in PWM
applications, converters and power supplies.
FEATURES
* RDS(ON)<170mΩ @VGS=-10 V, ID=-0.75A
* RDS(ON)<180mΩ @VGS=-10 V, ID=-1.5A
* RDS(ON)<185mΩ @VGS=-10 V, ID=-2.4A
* Low Capacitance
* Low Gate Charge
* Fast Switching Capability
* Avalanche Energy Specified
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
Packing
UT2955G-AA3-R
SOT-223
G
D
S
Tape Reel
UT2955G-TN3-R
TO-252
G
D
S
Tape Reel
UT2955G-AA3-R
(1)Packing Type
(2)Package Type
(3)Halogen Free
(1) R: Tape Reel
(2) AA3: SOT-223, TN3: TO-252
(3) G: Halogen Free


Similar Part No. - UT2955

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT2955G-AA3-R UTC-UT2955G-AA3-R Datasheet
234Kb / 4P
SINGLE P-CHANNEL POWER MOSFET
UT2955G-TN3-R UTC-UT2955G-TN3-R Datasheet
234Kb / 4P
SINGLE P-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
UT2955G-TN3-R VBSEMI-UT2955G-TN3-R Datasheet
988Kb / 8P
P-Channel 60-V (D-S) MOSFET
logo
Unisonic Technologies
UT2955L-TN3-R UTC-UT2955L-TN3-R Datasheet
234Kb / 4P
SINGLE P-CHANNEL POWER MOSFET
UT2955 UTC-UT2955_15 Datasheet
234Kb / 4P
SINGLE P-CHANNEL POWER MOSFET
More results

Similar Description - UT2955

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT2955 UTC-UT2955_15 Datasheet
234Kb / 4P
SINGLE P-CHANNEL POWER MOSFET
logo
ON Semiconductor
CPH3348 ONSEMI-CPH3348 Datasheet
487Kb / 5P
Single P-Channel Power MOSFET
July 2015 - Rev. 2
CPH3351 ONSEMI-CPH3351 Datasheet
403Kb / 5P
Single P-Channel Power MOSFET
March 2015 - Rev. 2
CPH3360 ONSEMI-CPH3360 Datasheet
547Kb / 5P
Single P-Channel Power MOSFET
July 2015 - Rev. 2
CPH6337 ONSEMI-CPH6337 Datasheet
484Kb / 5P
Single P-Channel Power MOSFET
September 2015 - Rev. 2
MCH3374 ONSEMI-MCH3374 Datasheet
486Kb / 5P
Single P-Channel Power MOSFET
July 2015 - Rev. 2
MCH3376 ONSEMI-MCH3376 Datasheet
735Kb / 5P
Single P-Channel Power MOSFET
July, 2014
MCH5839 ONSEMI-MCH5839 Datasheet
675Kb / 6P
Single P-Channel Power MOSFET
August 2015 - Rev. 1
SFT1341 ONSEMI-SFT1341 Datasheet
353Kb / 6P
Single P-Channel Power MOSFET
September, 2014
BSS84LT1 ONSEMI-BSS84LT1_16 Datasheet
110Kb / 4P
Power MOSFET Single P-Channel
October, 2016 ??Rev. 9
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com