Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSGT670 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LSGT670
Description  Multi TOPLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSGT670 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LSGT670 Datasheet HTML 1Page - Siemens Semiconductor Group LSGT670 Datasheet HTML 2Page - Siemens Semiconductor Group LSGT670 Datasheet HTML 3Page - Siemens Semiconductor Group LSGT670 Datasheet HTML 4Page - Siemens Semiconductor Group LSGT670 Datasheet HTML 5Page - Siemens Semiconductor Group LSGT670 Datasheet HTML 6Page - Siemens Semiconductor Group LSGT670 Datasheet HTML 7Page - Siemens Semiconductor Group LSGT670 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
LSG T670, LSP T670, LSY T670
LOP T670, LOG T670
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
1)
Streuung der Lichtstärke in einer LED
I
V max / IV min ≤ 3.0 (LSG T670, LOG T670, LSY T670),
≤ 4.0 (LSP T670, LOP T670).
1)
Bei MULTILED® bestimmt die Helligkeit des jeweils dunkleren Chips in einem Gehäuse die Helligkeitsgruppe
der LED.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
1)
Luminous intensity ratio in one LED
I
V max / IV min ≤ 3.0 (LSG T670, LOG T670, LSY T670),
≤ 4.0 (LSP T670, LOP T670).
1)
In case of MULTILED®, the brightness of the darker chip in one package determines the brightness group of
the LED.
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V(mcd)
Lichtstrom
Luminous
Flux
I
F = 10 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LSY T670-HK
LSY T670-J
LSY T670-K
LSY T670-JL
super-red /
yellow
colorless clear
2.5 ... 12.5
4.0 ...
8.0
6.3 ... 12.5
4.0 ... 20.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q3912
Q62703-Q2984
Q62703-Q2985
Q62703-Q3913
LSG T670-HK
LSG T670-J
LSG T670-K
LSG T670-JL
super-red /
green
colorless clear
2.5 ... 12.5
4.0 ...
8.0
6.3 ... 12.5
4.0 ... 20.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q2531
Q62703-Q2656
Q62703-Q2657
Q62703-Q2658
LSP T670-FJ
LSP T670-G
LSP T670-H
LSP T670-J
LSP T670-GK
super-red /
pure green
colorless clear
1.0 ...
8.0
1.6 ...
3.2
2.5 ...
5.0
4.0
... 8.0
1.6 ... 12.5
-
8 (typ.)
12 (typ.)
18 (typ.)
-
Q62703-Q2659
Q62703-Q2660
Q62703-Q2661
Q62703-Q2777
Q62703-Q2532
LOG T670-HK
LOG T670-J
LOG T670-K
LOG T670-JL
orange/
green
colorless clear
2.5 ... 12.5
4.0 ...
8.0
6.3 ... 12.5
4.0 ... 20.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q2708
Q62703-Q2767
Q62703-Q2768
Q62703-Q2867
LOP T670-FJ
LOP T670-G
LOP T670-H
LOP T670-GK
orange/
pure green
colorless clear
1.0 ...
8.0
1.6 ...
3.2
2.5 ...
5.0
1.6 ... 12.5
-
8 (typ.)
12 (typ.)
-
Q62703-Q2677
Q62703-Q2678
Q62703-Q2679
Q62703-Q2566



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com