Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT4392 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT4392
Description  30V N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4392 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT4392 Datasheet HTML 1Page - Unisonic Technologies UT4392 Datasheet HTML 2Page - Unisonic Technologies UT4392 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT4392
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-312.A
30V N-CHANNEL POWER
MOSFET
DESCRIPTION
The UT4392 uses UTC advanced technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is suitable for being used in such applications:
high-Side DC/DC Conversion, notebook and sever.
FEATURES
* VDS(V)=30V
* ID=12.5 A (VGS=10V)
* High Density Cell Design for Ultra Low On-resistance
* RDS(ON)<11.5mΩ@VGS=10V
* RDS(ON)<16.5mΩ@VGS=4.5V
SYMBOL
D
G
S
DD D
S
S
Lead-free:
UT4392L
Halogen-free:
UT4392G
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free Plating
Halogen Free
Package
1 2 3 4 5 6 7 8
Packing
UT4392-S08-R
UT4392L-S08-R
UT4392G-S08-R
SOP-8
S S S G D D D D Tape Reel


Similar Part No. - UT4392

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT4392 UTC-UT4392_15 Datasheet
179Kb / 4P
N-CHANNEL POWER MOSFET
More results

Similar Description - UT4392

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AHK6030LX ANALOGICTECH-AHK6030LX Datasheet
244Kb / 4P
30V N-Channel Power MOSFET
AAT9460 ANALOGICTECH-AAT9460 Datasheet
145Kb / 6P
30V N-Channel Power MOSFET
AAT9060 ANALOGICTECH-AAT9060 Datasheet
141Kb / 6P
30V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM35N03PQ56 TSC-TSM35N03PQ56 Datasheet
93Kb / 4P
30V N-Channel Power MOSFET
TSM40N03PQ33 TSC-TSM40N03PQ33 Datasheet
107Kb / 4P
30V N-Channel Power MOSFET
TSM15N03PQ33 TSC-TSM15N03PQ33 Datasheet
107Kb / 4P
30V N-Channel Power MOSFET
TSM040N03CP TSC-TSM040N03CP Datasheet
370Kb / 5P
30V N-Channel Power MOSFET
TSM042N03CS TSC-TSM042N03CS Datasheet
275Kb / 5P
30V N-Channel Power MOSFET
TSM60N03 TSC-TSM60N03_15 Datasheet
303Kb / 4P
30V N-Channel Power MOSFET
TSM180N03CS TSC-TSM180N03CS Datasheet
325Kb / 5P
30V N-Channel Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com