Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT4422 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UT4422
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4422 Datasheet(HTML) 5 Page - Unisonic Technologies

  UT4422 Datasheet HTML 1Page - Unisonic Technologies UT4422 Datasheet HTML 2Page - Unisonic Technologies UT4422 Datasheet HTML 3Page - Unisonic Technologies UT4422 Datasheet HTML 4Page - Unisonic Technologies UT4422 Datasheet HTML 5Page - Unisonic Technologies UT4422 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UT4422
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-206.B
TYPICAL CHARACTERISTICS(Cont.)
30
25
20
15
10
5
0
0
250
500
750
1000
1250
1500
10
8
6
4
2
0
04
8
12
16
20
Gate-Charge Characteristics
Gate Charge,QG (nC)
Drain to Source Voltage,VDS (V)
Capacitance Characteristics
VDS=15V
ID=11A
CISS
COSS
CRSS
100.0
10.0
1.0
0.1
0.1
1
10
100
Maximum Forward Biased Safe
Operating Area
Drain to Source Voltage,VDS (V)
TJ(Max)=150°С
TA=25°С
Single Pulse Power Rating
Junction-to-Ambient
Pulse Width (s)
40
30
20
10
0
0.001 0.01
0.1
1
10
100
1000
TJ(Max)=150°С
TA=25°С
50
RDS(ON)
Limited
10μs
100μs
1ms
10s
DC
1s
0.1s
10ms
10
1
0.1
0.01
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Normalized Maximum Transient Thermal Impedance
In descending order
D=0.5,0.3,0.1,0.05,0.02,0.01,single pulse
D=TON/T
TJ,PK=TA+PDM.ZθJA.θJA
θJA=40°С/W
Single Pulse
PDM
TO
N
T



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com