Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT9435H Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT9435H
Description  P-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT9435H Datasheet(HTML) 4 Page - Unisonic Technologies

  UT9435H Datasheet HTML 1Page - Unisonic Technologies UT9435H Datasheet HTML 2Page - Unisonic Technologies UT9435H Datasheet HTML 3Page - Unisonic Technologies UT9435H Datasheet HTML 4Page - Unisonic Technologies UT9435H Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UT9435H
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-131.C
TYPICAL CHARACTERISTICS
CISS
COSS
CRSS
1500
1250
1000
750
500
250
0
0
5
10
15
20
25
30
Drain-to-Source Voltage,-VDS (V)
Capacitance
VGS=-10V
TJ=25℃
0.18
0.15
0.12
0.09
0.06
0.03
0.00
2.5
57.5
10
0
Drain Current,-ID (A)
On-Rseistance Variation with Drain
Current and Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com