Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM670 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LSM670
Description  Mini TOPLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSM670 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LSM670 Datasheet HTML 1Page - Siemens Semiconductor Group LSM670 Datasheet HTML 2Page - Siemens Semiconductor Group LSM670 Datasheet HTML 3Page - Siemens Semiconductor Group LSM670 Datasheet HTML 4Page - Siemens Semiconductor Group LSM670 Datasheet HTML 5Page - Siemens Semiconductor Group LSM670 Datasheet HTML 6Page - Siemens Semiconductor Group LSM670 Datasheet HTML 7Page - Siemens Semiconductor Group LSM670 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Group
1
1998-11-12
Besondere Merkmale
q
Gehäusefarbe: weiß
q
als optischer Indikator einsetzbar
q
zur Hinterleuchtung, Lichtleiter- und Linseneinkopplung
q
für alle SMT-Bestück- und Löttechniken geeignet
q
gegurtet (8-mm-Filmgurt)
q
Störimpulsfest nach DIN 40839
Features
q
color of package: white
q
for use as optical indicator
q
for backlighting, optical coupling into light pipes and lenses
q
suitable for all SMT assembly and soldering methods
q
available taped on reel (8 mm tape)
q
load dump resistant acc. to DIN 40839
Mini TOPLED®
LS M670, LO M670, LY M670
LG M670, LP M670


Similar Part No. - LSM670

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSM670 OSRAM-LSM670 Datasheet
478Kb / 19P
Mini TOPLED
logo
HK TO-GRACE TECHNOLOGY ...
LSM670 TO-GRACE-LSM670 Datasheet
1Mb / 12P
Standard Mini SMD LED
LSM670-H2L1 TO-GRACE-LSM670-H2L1 Datasheet
1Mb / 12P
Standard Mini SMD LED
logo
OSRAM GmbH
LSM670-H2L1-1 OSRAM-LSM670-H2L1-1 Datasheet
478Kb / 19P
Optical Indicator
LSM670-H2L1-1 OSRAM-LSM670-H2L1-1 Datasheet
478Kb / 19P
Mini TOPLED
More results

Similar Description - LSM670

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LG-M67K-G1J2-24-Z OSRAM-LG-M67K-G1J2-24-Z Datasheet
501Kb / 20P
Mini TOPLED
LG-M676-N2Q1-24-Z OSRAM-LG-M676-N2Q1-24-Z Datasheet
502Kb / 20P
Mini TOPLED
LS-M67K-H2L1-1-Z OSRAM-LS-M67K-H2L1-1-Z Datasheet
500Kb / 20P
Mini TOPLED
LSM67F OSRAM-LSM67F Datasheet
536Kb / 21P
Mini TOPLED
LSM67K OSRAM-LSM67K Datasheet
500Kb / 20P
Mini TOPLED
LSM670 OSRAM-LSM670 Datasheet
478Kb / 19P
Mini TOPLED
LTM673 OSRAM-LTM673 Datasheet
614Kb / 21P
Mini TOPLED
LGM67K OSRAM-LGM67K Datasheet
501Kb / 20P
Mini TOPLED
LAM67F OSRAM-LAM67F_18 Datasheet
1Mb / 22P
Mini TOPLED
LAM676 OSRAM-LAM676_18 Datasheet
1Mb / 21P
Mini TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com