Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1706 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1706
Description  4-Pin OptoMOS짰 DC Power SIP Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1706 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1706 Datasheet HTML 1Page - Clare, Inc. CPC1706 Datasheet HTML 2Page - Clare, Inc. CPC1706 Datasheet HTML 3Page - Clare, Inc. CPC1706 Datasheet HTML 4Page - Clare, Inc. CPC1706 Datasheet HTML 5Page - Clare, Inc. CPC1706 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CPC1706
www.clare.com
3
R02
PERFORMANCE DATA*
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Turn-On Time (ms)
0.290 0.375 0.460 0.545 0.630 0.715 0.800
0
5
10
15
20
25
Typical Turn-On Time
(N=50, I
F=5mA, IL=75mA, TA=25ºC)
Turn-Off Time (ms)
0.075 0.080 0.085 0.090 0.095 0.100 0.105
0
5
10
15
20
Typical Turn-Off Time
(N=50, I
F=5mA, IL=75mA, TA=25ºC)
On-Resistance (
Ω)
0.058 0.062 0.066 0.070 0.074 0.078 0.082
0
5
10
15
20
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=1A, TA=25ºC)
LED Forward Voltage (V)
1.235 1.240 1.245 1.250 1.255 1.260 1.265
0
5
10
15
20
25
30
Typical LED Forward Voltage Drop
(N=50, I
F=5mA, TA=25ºC)
LED Current (mA)
1.1
1.2
1.4
1.5
1.6
1.8
0
5
10
15
20
Typical I
F for Switch Operation
(N=50, I
L=1A, TA=25ºC)
Blocking Voltage (V
P)
81.0
81.5
82.0
82.5
83.0
83.5
84.0
0
5
10
15
20
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
LED Forward Current (mA)
0
1020
304050
0
200
400
600
800
1000
1200
Typical Turn-On
vs. LED Forward Current
(I
L=75mA)
LED Forward Current (mA)
0
1020
304050
85
90
95
100
105
Typical Turn-Off
vs. LED Forward Current
(I
L=75mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.3
1.4
1.5
1.6
1.7
1.8
Typical I
F for Switch Operation
vs. Temperature
(I
L=1A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
200
250
300
350
400
450
500
550
600
650
Typical Turn-On vs. Temperature
(I
L=75mA)
I
F=5mA
I
F=10mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
70
80
90
100
110
120
130
Typical Turn-Off vs. Temperature
(I
L=75mA)
I
F=5mA
I
F=10mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com