Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1708 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1708
Description  i4-PAC??DC Power Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1708 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1708 Datasheet HTML 1Page - Clare, Inc. CPC1708 Datasheet HTML 2Page - Clare, Inc. CPC1708 Datasheet HTML 3Page - Clare, Inc. CPC1708 Datasheet HTML 4Page - Clare, Inc. CPC1708 Datasheet HTML 5Page - Clare, Inc. CPC1708 Datasheet HTML 6Page - Clare, Inc. CPC1708 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
R04
www.clare.com
4
CPC1708
3
Performance Data
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the
written specifications, please contact our application department.
35
30
25
20
15
10
5
0
2.9
4.0
5.1
7.3
6.2
8.4
Typical Turn-On Time
(N=50, I
F=20mA, IL=1ADC, TA=25ºC)
Turn-On (ms)
0.116
0.132
0.148
0.108
0.124
0.140
30
24
18
12
6
0
Turn-Off (ms)
Typical Turn-Off Time
(N=50, I
F=20mA, IL=1ADC, TA=25ºC)
35
30
25
20
15
10
5
0
0.040
0.045
0.050
0.055
0.060
0.065
On-Resistance (
Ω)
Typical On-Resistance Distribution
(N=50, I
F=10mA, IL=1ADC, TA=25ºC)
35
30
25
20
15
10
5
0
1.30
1.31
1.32
1.33
1.34
Typical LED Forward Voltage Drop
(N=50, I
F=10mA, TA=25ºC)
LED Forward Voltage (V)
0
5
1015202530354045
50
10
9
8
7
6
5
4
3
2
1
0
11
12
LED Forward Current (mA)
Typical Turn-On
vs. LED Forward Current
(I
L=1ADC)
0
5
1015202530354045
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0.00
50
LED Forward Current (mA)
Typical Turn-Off
vs. LED Forward Current
(I
L=1ADC)
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F=10mA
I
F=20mA
I
F=50mA
Temperature (ºC)
-40
14
12
10
8
6
4
2
0
-20
0
20
40
60
80
100
I
F=10mA
I
F=20mA
Typical Turn-On vs. Temperature
(I
L=1ADC)
Temperature (ºC)
-40
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
-20
0
20
40
60
80
100
I
F=20mA
I
F=10mA
Typical Turn-Off vs. Temperature
(I
L=1ADC)
Temperature (ºC)
-40
4.0
3.9
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.1
3.0
-20
0
20
40
60
80
100
Typical I
F for Switch Operation
vs. Temperature
(I
L=1ADC)
Temperature (ºC)
5.0
4.0
3.0
2.0
1.0
0.0
0
0.05
0.10
0.20
0.25
0.15
0.30
Load Voltage (V)
Typical Load Current vs. Load Voltage
(I
F=10mA, TA=25ºC)
020
40
60
80
100
0
5
10
15
20
25
10ºC/W
Free Air
5ºC/W
1ºC/W
Typical Maximum Load Current
vs. Temperature with Heat Sink
(I
F=20mA)
Temperature (ºC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com