Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1967 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1967
Description  i4-PAC??Power Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1967 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1967 Datasheet HTML 1Page - Clare, Inc. CPC1967 Datasheet HTML 2Page - Clare, Inc. CPC1967 Datasheet HTML 3Page - Clare, Inc. CPC1967 Datasheet HTML 4Page - Clare, Inc. CPC1967 Datasheet HTML 5Page - Clare, Inc. CPC1967 Datasheet HTML 6Page - Clare, Inc. CPC1967 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DS-CPC1967 - R05
www.clare.com
1
e3
RoHS
2002/95/EC
Characteristics
Features
• 3.35A
rms Load Current with 5°C/W Heat Sink
• Low 0.85
Ω On-Resistance
• 400V
P Blocking Voltage
• 2500V
rms Input/Output Isolation
• Low Thermal Resistance (0.35 °C/W)
• Electrically Non-conductive Thermal Pad for Heat
Sink Applications
• Low Drive Power Requirements
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
Applications
• Industrial Controls / Motor Control
• Robotics
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Transportation Equipment
• Aerospace/Defense
Approvals
• UL 508 Recognized Component: File E69938
Pin Configuration
Description
Clare and IXYS have combined to bring OptoMOS®
technology, reliability and compact size to a new family
of high power Solid State Relays.
As part of this family, the CPC1967 single-pole
normally open (1-Form-A) Solid State Power Relay is
rated for up to 3.35Arms continuous load current with a
5°C/W heat sink.
The CPC1967 employs optically coupled MOSFET
technology to provide 2500Vrms of input to output
isolation. The output, constructed with efficient
MOSFET switches and photovoltaic die, uses Clare’s
patented OptoMOS architecture while the input, a
highly efficient GaAlAs infrared LED, provides the
optically coupled control. The combination of low
on-resistance and high load current handling
capability makes this relay suitable for a variety of high
performance switching applications.
The unique i4-PAC package pioneered by IXYS
enables Solid State Relays to achieve the highest load
current and power ratings. This package features a
unique IXYS process where the silicon chips are soft
soldered onto the Direct Copper Bond (DCB)
substrate instead of the traditional copper leadframe.
The DCB ceramic, the same substrate used in high
power modules, not only provides 2500Vrms isolation,
but also very low thermal resistance (0.35 °C/W).
Ordering Information
Switching Characteristics
Parameter
Rating
Units
Blocking Voltage
400
VP
Load Current, TA=25°C:
With 5°C/W Heat Sink
3.35
Arms
No Heat Sink
1.35
On-Resistance
0.85
Ω
RθJC
0.35
°C/W
Part
Description
CPC1967J
i4-PAC Package (25 per tube)
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
CPC1967
i4-PAC™ Power Relay


Similar Part No. - CPC1967

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1967 CLARE-CPC1967 Datasheet
145Kb / 6P
i4-PAC??Power Relay
logo
IXYS Corporation
CPC1967 IXYS-CPC1967 Datasheet
200Kb / 7P
Low Drive Power Requirements
logo
Clare, Inc.
CPC1967J CLARE-CPC1967J Datasheet
145Kb / 6P
i4-PAC??Power Relay
logo
IXYS Corporation
CPC1967J IXYS-CPC1967J Datasheet
200Kb / 7P
Low Drive Power Requirements
CPC1967J IXYS-CPC1967J Datasheet
196Kb / 3P
Power Relay Branding
More results

Similar Description - CPC1967

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1978J CLARE-CPC1978J Datasheet
236Kb / 5P
i4-PAC??Power Relay
CPC1908 CLARE-CPC1908 Datasheet
151Kb / 6P
i4-PAC??Power Relay
CPC1967 CLARE-CPC1967 Datasheet
145Kb / 6P
i4-PAC??Power Relay
CPC1977 CLARE-CPC1977 Datasheet
145Kb / 6P
i4-PAC??Power Relay
CPC1978 CLARE-CPC1978 Datasheet
152Kb / 6P
i4-PAC??Power Relay
CPC1986 CLARE-CPC1986 Datasheet
139Kb / 6P
i4-PAC??Power Relay
CPC1777 CLARE-CPC1777_10 Datasheet
915Kb / 7P
i4-PAC??DC Power Relay
CPC1908 CLARE-CPC1908_10 Datasheet
886Kb / 7P
i4-PAC??Power Relay
CPC1978 CLARE-CPC1978_11 Datasheet
910Kb / 7P
i4-PAC??Power Relay
CPC1986 CLARE-CPC1986_11 Datasheet
888Kb / 7P
i4-PAC??Power Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com