Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1981Y Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1981Y
Description  OptoMOS짰 Power SIP Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1981Y Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1981Y Datasheet HTML 1Page - Clare, Inc. CPC1981Y Datasheet HTML 2Page - Clare, Inc. CPC1981Y Datasheet HTML 3Page - Clare, Inc. CPC1981Y Datasheet HTML 4Page - Clare, Inc. CPC1981Y Datasheet HTML 5Page - Clare, Inc. CPC1981Y Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-CPC1981-R04
1
CPC1981
Single-Pole, Normally Open
OptoMOS® Power SIP Relay
RoHS
2002/95/EC
e3
Pb
Part #
Description
CPC1981Y
Power SIP Package (25 per tube)
Parameter
Rating
Units
Blocking Voltage
1000
V
P
Load Current
0.18
A
rms
On-Resistance
18
Applications
Features
Description
Ordering Information
Pin Configuration
Industrial Controls
Motor Control
Robotics
Medical Equipment—Patient/Equipment Isolation
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
IC Equipment
Home Appliances
Handle Load Currents Up to 0.25A
2500V
rms Input/Output Isolation
Power SIP Package
High Reliability
No Moving Parts
Low Drive Power Requirements (TTL/CMOS
Compatible)
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Clare and IXYS have combined to bring OptoMOS
technology, reliability, and compact size to a new
family of high power solid state relays. As part of
that family, the CPC1981 is a 1-Form-A solid state
relay. The CPC1981 employs optically coupled
MOSFET technology to provide 2500V
rms of input
to output isolation. The efficient MOSFET switches
and photovoltaic die use Clare’s patented OptoMOS
architecture while the output is controlled by a highly
efficient GaAlAs infrared LED. The combination of
low on-resistance and high load current handling
capabilities makes the relay suitable for a variety of
high performance switching applications.
Switching Characteristics of
Normally Open (Form A) Devices
Approvals
UL 508 Recognized Component: File E69938
CSA Certified Component: Certificate 1172007
1
-
4
2
+
3
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off


Similar Part No. - CPC1981Y

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1981Y CLARE-CPC1981Y Datasheet
409Kb / 5P
Power SIP Relay
logo
IXYS Corporation
CPC1981Y IXYS-CPC1981Y Datasheet
106Kb / 6P
Arc-Free With No Snubbing Circuits
logo
Littelfuse
CPC1981Y LITTELFUSE-CPC1981Y Datasheet
176Kb / 6P
Normally Open Power SIP Relay
11/18/2025
More results

Similar Description - CPC1981Y

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1906Y CLARE-CPC1906Y Datasheet
502Kb / 5P
Power SIP Relay
CPC1906 CLARE-CPC1906 Datasheet
102Kb / 5P
Power SIP Relay
CPC1217 CLARE-CPC1217 Datasheet
109Kb / 5P
4-Pin SIP OptoMOS짰 Relay
CPC1218 CLARE-CPC1218 Datasheet
101Kb / 5P
4-Pin SIP OptoMOS짰 Relay
CPC1219 CLARE-CPC1219 Datasheet
112Kb / 5P
4-Pin SIP OptoMOS짰 Relay
CPC1706 CLARE-CPC1706 Datasheet
124Kb / 6P
4-Pin OptoMOS짰 DC Power SIP Relay
CPC1906 CLARE-CPC1906_10 Datasheet
117Kb / 6P
Power SIP OptoMOS짰 Relay
CPC1916 CLARE-CPC1916_10 Datasheet
116Kb / 6P
OptoMOS짰 Power SIP Relay
CPC1926 CLARE-CPC1926_10 Datasheet
117Kb / 6P
OptoMOS짰 Power SIP Relay
CPC1983 CLARE-CPC1983 Datasheet
114Kb / 6P
OptoMOS짰 Power SIP Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com