Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC3714 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC3714
Description  N-Channel Depletion-Mode FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC3714 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC3714 Datasheet HTML 1Page - Clare, Inc. CPC3714 Datasheet HTML 2Page - Clare, Inc. CPC3714 Datasheet HTML 3Page - Clare, Inc. CPC3714 Datasheet HTML 4Page - Clare, Inc. CPC3714 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PRELIMINARY
CPC3714
PRELIMINARY
3
R00D
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Output Characteristics
(T
A=25ºC)
V
DS (V)
0
1
2
3
4
5
250
225
200
175
150
125
100
75
50
25
0
6
V
GS=0V
V
GS=-2.0V
V
GS=-1.5V
V
GS=-1.0V
Transfer Characteristics
(V
DS=5V)
V
GS (V)
-3.0
-2.5
-2.0
-1.5
-1.0
280
240
200
160
120
80
40
0
+125ºC
-40ºC
+25ºC
V
GS(off) vs. Temperature
(V
DS=10V, ID=1mA)
Temperature (ºC)
-50
-0
50
100
150
-2.0
-2.5
-3.0
-3.5
-4.0
-4.5
-5.0
-5.5
R
ON vs. Temperature
(V
GS=0V, ID=100mA)
Temperature (
ºC)
-50
-0
50
100
150
21
18
15
12
9
6
3
0
Ambient Temperature (ºC)
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Power Dissipation
vs. Ambient Temperature
Transconductance vs. Drain Current
(V
DS=10V)
I
D
(mA)
0
10
20
30
40
300
250
200
150
100
50
0
50
60
70
80
100
90
-55ºC
+125ºC
+25ºC
Capacitance vs. Drain Source Voltage
(V
GS=-5V)
V
DS
(V)
0
10
20
160
140
120
100
80
60
40
20
0
30
40
C
ISS
C
RSS
C
OSS
On-Resistance vs. Drain Current
(V
GS=0V)
I
D
(A)
0
0.06
0.12
20
18
16
14
12
10
8
6
4
2
0
0.18
0.24
0.30
Drain-Source Voltage (V)
0.1
1
10
100
1000
0.001
0.01
0.1
1
Max Rated Safe Operating Area



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com