Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC3720 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC3720
Description  N-Channel Depletion-Mode FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC3720 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC3720 Datasheet HTML 1Page - Clare, Inc. CPC3720 Datasheet HTML 2Page - Clare, Inc. CPC3720 Datasheet HTML 3Page - Clare, Inc. CPC3720 Datasheet HTML 4Page - Clare, Inc. CPC3720 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PRELIMINARY
CPC3720
PRELIMINARY
3
R00D
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Output Characteristics
(T
A=25ºC)
VDS (V)
0
1
2
3
4
5
200
180
160
140
120
100
80
60
40
20
0
6
V
GS=0.0V
V
GS=-2.0V
V
GS=-1.5V
V
GS=-1.0V
Transfer Characteristics
(V
DS=5V)
VGS (V)
-3.0
-2.5
-2.0
-1.5
-1.0
175
150
125
100
75
50
25
0
+125ºC
-40ºC
+25ºC
V
GS(off) vs. Temperature
(V
DS=10V, ID=1mA)
-40
0
40
80
120
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
Temperature (ºC)
R
ON vs. Temperature
(V
GS=0V, ID=90mA)
-40
0
40
80
120
35
30
25
20
15
10
5
0
Temperature (ºC)
Ambient Temperature (ºC)
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Power Dissipation
vs. Ambient Temperature
Transconductance vs. Drain Current
(V
DS=10V)
ID (mA)
0
20
10
40
30
60
50
80
90
70
300
250
200
150
100
50
0
100
-55ºC
+125ºC
+25ºC
Drain-Source Voltage (V)
0.1
1
10
100
1000
0.001
0.01
0.1
1
Max Rated Safe Operating Area
Capacitance vs. Drain Source Voltage
(V
GS=-5V)
V
DS
(V)
0
10
20
160
140
120
100
80
60
40
20
0
30
40
C
ISS
C
RSS
C
OSS
On-Resistance vs. Drain Current
(V
GS=0V)
ID (A)
0.00
0.04
0.08
30
27
24
21
18
15
12
9
6
3
0
0.12
0.16
0.2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com