Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC3720CTR Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC3720CTR
Description  N-Channel Depletion-Mode FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC3720CTR Datasheet(HTML) 1 Page - Clare, Inc.

  CPC3720CTR Datasheet HTML 1Page - Clare, Inc. CPC3720CTR Datasheet HTML 2Page - Clare, Inc. CPC3720CTR Datasheet HTML 3Page - Clare, Inc. CPC3720CTR Datasheet HTML 4Page - Clare, Inc. CPC3720CTR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRELIMINARY
PRELIMINARY
DS-CPC3720-R00D
1
CPC3720
N-Channel Depletion-Mode FET
RoHS
2002/95/EC
e3
Pb
V
(BR)DSX /
V
(BR)DGX
R
DS(on)
(max)
I
DSS (min)
Package
350V
P
22
130mA
SOT-89
Applications
Features
Description
Ordering Information
Package Pinout
• Ignition Modules
• Normally-On Switches
• Solid State Relays
• Converters
• Telecommunications
• Power Supply
• Offers Low R
DS(on) at Cold Temperatures
• R
DS(on) 22 max. at 25ºC
• High Input Impedance
• High Breakdown Voltage: 350V
P
• Low V
GS(off) Voltage: -1.6 to -3.9V
• Small Package Size SOT-89
The CPC3720 is an N-channel, depletion mode, field
effect transistor (FET) that utilizes Clare’s proprietary
third-generation vertical DMOS process. The
third-generation process realizes world class, high
voltage MOSFET performance in an economical
silicon gate process. Our vertical DMOS process
yields a robust device, with high input impedance,
for use in high power applications. The CPC3720
is a highly reliable FET device that has been used
extensively in Clare’s solid state relays for industrial
and telecommunications applications.
This device excels in power applications requiring
low drain-source resistance, particularly in cold
environments such as automotive ignition modules.
The CPC3720 offers a low, 22
 maximum, on-state
resistance at 25ºC.
The CPC3720 has a minimum breakdown voltage
of 350V
P , and is available in an SOT-89 package.
As with all MOS devices, the FET structure prevents
thermal runaway and thermal-induced secondary
breakdown.
(SOT-89)
G
D
S
D
Circuit Symbol
S
G
D
Part #
Description
CPC3720C
N-Channel Depletion Mode FET, SOT-89 Pkg.
Cut-Tape, Available in Quantities of 200, 300,
400, 500, and 600
CPC3720CTR
N-Channel Depletion Mode FET, SOT-89 Pkg.
Tape and Reel (1000/Reel)


Similar Part No. - CPC3720CTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC3720CTR CLARE-CPC3720CTR Datasheet
435Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
logo
IXYS Corporation
CPC3720CTR IXYS-CPC3720CTR Datasheet
125Kb / 5P
Depletion-Mode FET
More results

Similar Description - CPC3720CTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
N Channel Depletion Mode FET
CPC5603C CLARE-CPC5603C Datasheet
248Kb / 3P
N Channel Depletion Mode FET
CPC5602 CLARE-CPC5602 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC5603 CLARE-CPC5603 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC3710 CLARE-CPC3710 Datasheet
112Kb / 5P
N-Channel Depletion-Mode FET
CPC3714 CLARE-CPC3714 Datasheet
130Kb / 5P
N-Channel Depletion-Mode FET
CPC5602 CLARE-CPC5602_12 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
CPC5603 CLARE-CPC5603_12 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
logo
IXYS Corporation
CPC5602 IXYS-CPC5602 Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
CPC5603 IXYS-CPC5603 Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com