Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDF602D2TR Datasheet(PDF) 12 Page - Clare, Inc.

Part # IXDF602D2TR
Description  2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IXDF602D2TR Datasheet(HTML) 12 Page - Clare, Inc.

Back Button IXDF602D2TR Datasheet HTML 5Page - Clare, Inc. IXDF602D2TR Datasheet HTML 6Page - Clare, Inc. IXDF602D2TR Datasheet HTML 7Page - Clare, Inc. IXDF602D2TR Datasheet HTML 8Page - Clare, Inc. IXDF602D2TR Datasheet HTML 9Page - Clare, Inc. IXDF602D2TR Datasheet HTML 10Page - Clare, Inc. IXDF602D2TR Datasheet HTML 11Page - Clare, Inc. IXDF602D2TR Datasheet HTML 12Page - Clare, Inc. IXDF602D2TR Datasheet HTML 13Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
IXD_602
12
www.clare.com
R02
5.4.3 Tape & Reel Information for SI and SIA Packages
5.4.4 PI (8-Pin DIP)
NOTES:
1. A
0 & B0 measured at 0.3mm above base of pocket.
2. 10 pitches cumulative tol. ± 0.2mm
3. ( ) Reference dimensions only.
4. Unless otherwise specified, all dimensions in millimeters.
K
0=2.30 ± 0.10
B
0=5.20 ± 0.10
R0.50 TYP
8.00 ± 0.10
2.00 ± 0.10
4.00 ± 0.10 See Note #2
12.00 ± 0.30
5.50 ± 0.10
1.75 ± 0.10
∅1.50 (MIN)
∅1.55 ± 0.05
1.80 ± 0.10
(3.40)
0.30 ± 0.05
(70º)
A
0=6.40 ± 0.10
(4.70)
(1.20)
A
A
B
B
SECTION A-A
SECTION B-B
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
330.2 DIA.
(13.00 DIA.)
Dimensions
mm MIN / mm MAX
(inches MIN / inches MAX)
NOTE: Molded package conforms to JEDEC standard configuration
MS-001 variation BA.
PC Board Pattern
7.62 / 10.92
(0.300 / 0.430)
7.62 BSC
(0.300 BSC)
0.20 / 0.38
(0.008 / 0.015)
7.37 / 8.26
(0.290 / 0.325)
0.38 / 0.58
(0.015 / 0.023)
1.14 / 1.65
(0.045 / 0.065)
0.38 / 1.02
(0.015 / 0.040)
3.05 / 3.81
(0.120 / 0.150)
3.43 / 4.70
(0.135 / 0.185)
3.18 / 3.81
(0.125 / 0.150)
8-0.900 DIA.
(8-0.035 DIA.)
7.50
(0.295)
2.540
(0.100)
9.02 / 10.16
(0.355 / 0.400)
6.10 / 6.86
(0.240 / 0.270)
2.540 BSC
(0.100 BSC)
1.40
(0.055)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com