Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDN609SITR Datasheet(PDF) 4 Page - Clare, Inc.

Part # IXDN609SITR
Description  9-Ampere Low-Side Ultrafast MOSFET Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IXDN609SITR Datasheet(HTML) 4 Page - Clare, Inc.

  IXDN609SITR Datasheet HTML 1Page - Clare, Inc. IXDN609SITR Datasheet HTML 2Page - Clare, Inc. IXDN609SITR Datasheet HTML 3Page - Clare, Inc. IXDN609SITR Datasheet HTML 4Page - Clare, Inc. IXDN609SITR Datasheet HTML 5Page - Clare, Inc. IXDN609SITR Datasheet HTML 6Page - Clare, Inc. IXDN609SITR Datasheet HTML 7Page - Clare, Inc. IXDN609SITR Datasheet HTML 8Page - Clare, Inc. IXDN609SITR Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IXD_609
4
www.clare.com
R02
1.5 Electrical Characteristics: TA = 25°C
Test Conditions: 4.5V < VCC < 35V (unless otherwise noted).
1.6 Electrical Characteristics: TA = - 40°C to +125°C
Test Conditions: 4.5V < VCC < 35V unless otherwise noted.
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Input Voltage, High
4.5V
< VCC < 18V
VIH
3.0
-
-
V
Input Voltage, Low
4.5V
< VCC < 18V
VIL
--
0.8
Input Current
0V
< VIN < VCC
IIN
--
±10
A
EN Input Voltage, High
IXDD609 only
VENH
2/3VCC
--
V
EN Input Voltage, Low
IXDD609 only
VENL
--
1/3VCC
Output Voltage, High
-
VOH
VCC-0.025
--
V
Output Voltage, Low
-
VOL
-
-
0.025
Output Resistance, High State
VCC=18V, IOUT=-100mA
ROH
-0.6
1
Output Resistance, Low State
VCC=18V, IOUT=100mA
ROL
-0.4
0.8
Output Current, Continuous
Limited by package power
dissipation
IDC
--
±2
A
Rise Time
VCC=18V, CLOAD=10nF
tr
-22
35
ns
Fall Time
VCC=18V, CLOAD=10nF
tf
-15
25
On-Time Propagation Delay
VCC=18V, CLOAD=10nF
tondly
-40
60
Off-Time Propagation Delay
VCC=18V, CLOAD=10nF
toffdly
-42
60
Enable to Output-High Delay Time
(IXDD609 Only)
VCC=18V
tENOH
-25
60
Disable to High Impedance State Delay Time
(IXDD609 Only)
VCC=18V
tDOLD
-35
60
Enable Pull-Up Resistor
-
REN
-200
-
k
Power Supply Current
VCC=18V, VIN=3.5V
ICC
-1
2
mA
VCC=18V, VIN=0V
-<1
10
A
VCC=18V, VIN=VCC
-<1
10
Parameter
Conditions
Symbol
Minimum
Maximum
Units
Input Voltage, High
4.5V
< VCC < 18V
VIH
3.3
-
V
Input Voltage, Low
4.5V
< VCC < 18V
VIL
-0.65
Input Current
0V
< VIN < VCC
IIN
-±10
A
Output Voltage, High
-
VOH
VCC-0.025
-
V
Output Voltage, Low
-
VOL
-
0.025
Output Resistance, High State
VCC=18V, IOUT=-100mA
ROH
-2
Output Resistance, Low State
VCC=18V, IOUT=100mA
ROL
-1.5
Output Current, Continuous
Limited by package power
dissipation
IDC
-±1
A
Rise Time
VCC=18V, CLOAD=10nF
tr
-40
ns
Fall Time
VCC=18V, CLOAD=10nF
tf
-30
On-Time Propagation Delay
VCC=18V, CLOAD=10nF
tondly
-75
Off-Time Propagation Delay
VCC=18V, CLOAD=10nF
toffdly
-75
Enable to Output-High Delay Time
IXDD609 only, VCC=18V
tENOH
-75
Disable to High Impedance State Delay Time
IXDD609 only, VCC=18V
tDOLD
-75
Power Supply Current
VCC=18V, VIN=3.5V
ICC
-2.5
mA
VCC=18V, VIN=0V
-150
A
VCC=18V, VIN=VCC
-150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com