Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDN609SIA Datasheet(PDF) 12 Page - Clare, Inc.

Part # IXDN609SIA
Description  9-Ampere Low-Side Ultrafast MOSFET Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IXDN609SIA Datasheet(HTML) 12 Page - Clare, Inc.

Back Button IXDN609SIA Datasheet HTML 6Page - Clare, Inc. IXDN609SIA Datasheet HTML 7Page - Clare, Inc. IXDN609SIA Datasheet HTML 8Page - Clare, Inc. IXDN609SIA Datasheet HTML 9Page - Clare, Inc. IXDN609SIA Datasheet HTML 10Page - Clare, Inc. IXDN609SIA Datasheet HTML 11Page - Clare, Inc. IXDN609SIA Datasheet HTML 12Page - Clare, Inc. IXDN609SIA Datasheet HTML 13Page - Clare, Inc. IXDN609SIA Datasheet HTML 14Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
IXD_609
12
www.clare.com
R02
5.4.3 Tape & Reel Information for SI and SIA Packages
5.4.4 YI (5-Pin TO-263)
NOTES:
1. A
0 & B0 measured at 0.3mm above base of pocket.
2. 10 pitches cumulative tol. ± 0.2mm
3. ( ) Reference dimensions only.
4. Unless otherwise specified, all dimensions in millimeters.
K
0=2.30 ± 0.10
B
0=5.20 ± 0.10
R0.50 TYP
8.00 ± 0.10
2.00 ± 0.10
4.00 ± 0.10 See Note #2
12.00 ± 0.30
5.50 ± 0.10
1.75 ± 0.10
∅1.50 (MIN)
∅1.55 ± 0.05
1.80 ± 0.10
(3.40)
0.30 ± 0.05
(70º)
A
0=6.40 ± 0.10
(4.70)
(1.20)
A
A
B
B
SECTION A-A
SECTION B-B
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
330.2 DIA.
(13.00 DIA.)
DIMENSIONS
mm MIN / mm MAX
(inches MIN / inches / MAX)
NOTES:
1. All metal surfaces are solder-plated except trimmed area.
2. Short lead of No. 3 is optional to IXYS.
3. No. 3 lead is connected to No. 6 lead (bottom heat sink) internally.
8.80 / 9.50
(0.346 / 0.374)
14.80 / 15.80
(0.583 / 0.622)
9.65 / 10.30
(0.380 / 0.406)
1.70 BSC
(0.067 BSC)
1 2 3 4 5
0.60 / 0.99
(0.024 / 0.039)
1.00 / 1.40
(0.039 / 0.055)
4.20 / 4.80
(0.165 / 0.189)
1.20 / 1.40
(0.047 / 0.055)
0.40 / 0.70
(0.016 / 0.028)
2.24 / 2.84
(0.088 / 0.112)
2.10 / 2.70
(0.083 / 0.106)
0º - 3º
6.60 / 7.20
(0.260 / 0.283)
7.50 / 8.20
(0.295 / 0.323)
1.20 / 1.70
(0.047 / 0.067)
6
Optional
3.85
(0.152)
3.65
(0.144)
6.35
(0.250)
1.05
(0.041)
1.70
(0.067)
10.40
(0.409)
9.15
(0.360)
Recommended PCB Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com