Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABS2-G Datasheet(PDF) 2 Page - Comchip Technology

Part # ABS2-G
Description  SMD Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABS2-G Datasheet(HTML) 2 Page - Comchip Technology

  ABS2-G Datasheet HTML 1Page - Comchip Technology ABS2-G Datasheet HTML 2Page - Comchip Technology ABS2-G Datasheet HTML 3Page - Comchip Technology ABS2-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (ABS05-G thru ABS10-G)
Comchip Technology CO., LTD.
QW-BBR51
Page 2
REV:B
SMD Glass Passivated Bridge Rectifiers
160
140
120
100
80
60
40
20
Fig.1 - Forward Current Derating Curve
0
0.2
0.4
0.6
0.8
1.0
Mounted on PC board,
single phase half wave 60Hz
resistive or inductive load
1
Fig.2 Maximum Non-Repetitive
-
Surge Current
0
10
20
30
40
10
100
Pulse width 8.3mS,
single half-sine wave
(JEDEC Method)
0
Fig.3 Typical Reverse Characteristics
-
0.01
0.1
1.0
10
100
20
40
60
80
100
120
140
TJ=25°C
TJ=125°C
Instantaneous Forward Voltage, (V)
0
Fig.4 Typical Forward Characteristics
-
0.01
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0.1
1.0
10
TJ=25°C
Pulse Width=300μS
2% DUTY CYCLE
Ambient temperature, (°C)
Number of Cycles at 60Hz
Percent of Rated Peak Reverse Voltage, (%)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com