Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2S-G Datasheet(PDF) 1 Page - Comchip Technology

Part # B2S-G
Description  SMD General Purpose Bridge Rectifier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

B2S-G Datasheet(HTML) 1 Page - Comchip Technology

  B2S-G Datasheet HTML 1Page - Comchip Technology B2S-G Datasheet HTML 2Page - Comchip Technology B2S-G Datasheet HTML 3Page - Comchip Technology B2S-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD General Purpose Bridge Rectifier Diode
Reverse Voltage: 50 to 1000 Volts
Forward Current: 0.8 A
RoHS Device
Page 1
REV:D
Features
-Rating to 1000V PRV.
-Ideal for printed circuit board.
-Reliable low cost construction utilizing
molded plastic technique results in
inexpensive product.
-Pb free product.
Mechanical data
-Polarity: Symbol molded on body.
-Weight: 0.125 grams.
-Mounting position: Any.
B05S-G Thru B10S-G
Parameter
QW-BBR01
Symbol
Unit
B1S-G
B2S-G
B4S-G
B6S-G
B8S-G
B10S-G
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current (Note 1)
@TA=40°C
Peak Forward Surge Current, 8.3mS single
half sine-wave, superimposed on rated load
(JEDEC Method)
Maximum Forward Voltage at 0.8A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ=25°C
@TJ=125°C
Typical Junction Capacitance
per element (Note 2)
Typical Thermal Resistance (Note 3)
Operating Temperature Range
Storage Temperature Range
Notes: 1. Mounted on P.C. Board.
2. Measured at 1MHz and applied reverse voltage of 4V DC.
3. Thermal resistance: Junction to Ambient.
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
RθJA
TJ
TSTG
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
V
V
V
0.8
30
1.1
5.0
500
15
75
-55 to +150
-55 to +150
A
A
V
μA
pF
Comchip Technology CO., LTD.
B05S-G
50
35
50
Marking
B1S
B2S
B4S
B6S
B8S
B10S
B05S
Dimensions in inches and (millimeter)
MBS
0.031 (0.80)
0.019 (0.50)
0.014 (0.35)
0.006 (0.15)
0.106 (2.70)
0.090 (2.30)
0.193 (4.90)
0.177 (4.50)
0.165 (4.20)
0.150 (3.80)
0.106 (2.70)
0.090 (2.30)
+
-
0.008 (0.20)max
0.275 (7.0) max
X X X
Maximum Rating And Electrical Characteristics
Rating at TA=25°C, unless otherwise noted.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
°C/W
°C
°C


Similar Part No. - B2S-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
B2S-G COMCHIP-B2S-G Datasheet
50Kb / 2P
Silicon General Purpose Bridge Rectifier
More results

Similar Description - B2S-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
DF15005S COMCHIP-DF15005S Datasheet
52Kb / 2P
SMD Genenal Purpose Bridge Rectifier
DF005S COMCHIP-DF005S Datasheet
52Kb / 2P
SMD Genenal Purpose Bridge Rectifier
B05SGS COMCHIP-B05SGS Datasheet
79Kb / 2P
SMD Genenal Purpose Bridge Rectifier
B05S COMCHIP-B05S Datasheet
70Kb / 2P
SMD Genenal Purpose Bridge Rectifier
logo
Rohm
1N4004A ROHM-1N4004A Datasheet
90Kb / 2P
General purpose rectifier diode
logo
Comchip Technology
B05S-G COMCHIP-B05S-G Datasheet
50Kb / 2P
Silicon General Purpose Bridge Rectifier
CGRM4001-G COMCHIP-CGRM4001-G Datasheet
78Kb / 2P
SMD General Purpose Rectifier
DF15005S-G COMCHIP-DF15005S-G Datasheet
51Kb / 2P
SMD General Purpose Bridge Rectifier
B05S-HF COMCHIP-B05S-HF Datasheet
78Kb / 4P
SMD General Purpose Bridge Rectifier Diode
logo
Formosa MS
LBS05-QH FORMOSA-LBS05-QH Datasheet
122Kb / 7P
Chip General Purpose Mini Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com