Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBB540-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBB540-G
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBB540-G Datasheet(HTML) 1 Page - Comchip Technology

  CDBB540-G Datasheet HTML 1Page - Comchip Technology CDBB540-G Datasheet HTML 2Page - Comchip Technology CDBB540-G Datasheet HTML 3Page - Comchip Technology CDBB540-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Schottky Barrier Rectifiers
Reverse Voltage: 20 to 100 Volts
Forward Current: 5.0 Amp
RoHS Device
Page 1
REV:A
Features
-Ideal for surface mount applications.
-For use in low
.
voltage, high frequency inventers
-Epitaxial construction.
-Metal-semiconductor junction with guarding.
-High current capability.
-Low forward voltage drop.
Mechanical data
-Case: JEDEC DO-214AA, molded plastic.
-Terminals: Solderable per MIL-STD-750,
method 2026.
-Polarity: Color band denotes cathode end.
-Approx. weight: 0.093 grams
CDBB520-G Thru. CDBB5100-G
Maximum Ratings and Electrical Characteristics
Dimensions in inches and (millimeter)
QW-BB036
CDBB
520-G
2
Notes: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
Comchip Technology CO., LTD.
Max. repetitive peak reverse voltage
Max. DC blocking voltage
Max. RMS voltage
Peak surge forward current, 8.3ms
single half sine-wave superimposed
on rate load (JEDEC method)
Max. instantaneous forward voltage
at 5.0A DC @TC=100°C
Max. DC reverse current at TJ=25°C
rated DC blocking voltage
TJ=100°C
Max. thermal resistance
Max. operating junction temperature
Storage temperature
CDBB
540-G
CDBB
560-G
CDBB
580-G
CDBB
5100-G
Units
Symbol
Parameter
VRRM
VDC
VRMS
IFSM
I(AV)
VF
IR
RθJA
RθJL
TJ
TSTG
20
20
14
40
40
28
60
60
42
175
5.0
0.70
0.5
20
50
10
-55 to +125
-55 to +150
80
80
56
100
100
70
V
V
V
A
A
V
mA
°C/W
°C
°C
0.55
DO-214AA (SMB)
0.155(3.94)
0.130(3.30)
0.086(2.20)
0.077(1.95)
0.220(5.59)
0.205(5.21)
0.012(0.31)
0.006(0.15)
0.008(0.20)
MAX.
0.060(1.52)
0.030(0.76)
0.096(2.44)
0.084(2.13)
0.180(4.57)
0.160(4.06)
Max. average forward rectified
current at TL=90°C
Max. operating junction temperature
CJ
300
P
F
CDBB
530-G
CDBB
550-G
50
50
35
30
30
21
2. Thermal resistance junction to lead.


Similar Part No. - CDBB540-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBB540-G COMCHIP-CDBB540-G Datasheet
163Kb / 4P
SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBB540-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com