Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBC120SLR-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBC120SLR-HF
Description  Supper Low VF Low IR SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBC120SLR-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBC120SLR-HF Datasheet HTML 1Page - Comchip Technology CDBC120SLR-HF Datasheet HTML 2Page - Comchip Technology CDBC120SLR-HF Datasheet HTML 3Page - Comchip Technology CDBC120SLR-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-JL014
RATING AND CHARACTERISTIC CURVES (CDBC120SLR-HF Thru. CDBC160SLR-HF)
Percent of Rated Peak Reverse Voltage, (%)
Fig.5 - Typical Reverse Characteristics
Forward Voltage, (V)
Fig.2 - Typical Forward Characteristics
Reverse Voltage, (V)
0.01
Fig.4 - Typical Junction Capacitance
0
100
350
1
10
100
Ambient Temperature, (°C)
0
0.6
0.8
Comchip Technology CO., LTD.
Page 2
REV: B
0
80
160
0.2
1.2
0.4
Number of Cycles at 60Hz
Fig.3 - Maximum Non-repetitive Forward
0
1
10
100
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
20
40
60
120
100
1.0
0.1
50
200
150
300
250
Surge Current
0.1
0.5
1.5
1.3
0.3
0.7
0.9
1.1
0.1
1.0
50
Pulse Width 300us
1% Duty Cycle
TJ=25°C
10
140
80
60
120
0
0.1
10
100
20
0.01
40
100
TJ=125°C
TJ=25°C
1.0
Fig.1 - Typical Forward Current
Derating Curve
140
0.01
Supper Low VF Low IR SMD Schottky Barrier Rectifiers
18
30
6
24
12



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com