Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBD650-G Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBD650-G
Description  Chip Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD650-G Datasheet(HTML) 4 Page - Comchip Technology

  CDBD650-G Datasheet HTML 1Page - Comchip Technology CDBD650-G Datasheet HTML 2Page - Comchip Technology CDBD650-G Datasheet HTML 3Page - Comchip Technology CDBD650-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Suggested PAD Layout
Part Number
SK620Y
Marking Code
Marking Code
CDBD620-G
Page 4
REV:A
Comchip Technology CO., LTD.
Chip Schottky Barrier Rectifiers
QW-BB032
CDBD650-G
CDBD680-G
CDBD6100-G
SK650Y
SK680Y
SK6100Y
SIZE
(inch)
0.272
(mm)
6.90
2.30
11.60
0.091
0.457
7.00
0.276
X2
1.50
0.059
B
C
X1
A
TO-252 / DPAK
CDBD660-G
SK660Y
CDBD640-G
SK640Y
C
X1
X2
Y1
A
B
Y2
7.00
0.276
Y2
2.50
0.098
Y1
XXXXX / XXXXXX = Product type marking code
XXXXX
TO-252/DPAK
Standard Packaging
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com