Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBD680-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBD680-G
Description  Chip Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD680-G Datasheet(HTML) 1 Page - Comchip Technology

  CDBD680-G Datasheet HTML 1Page - Comchip Technology CDBD680-G Datasheet HTML 2Page - Comchip Technology CDBD680-G Datasheet HTML 3Page - Comchip Technology CDBD680-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Parameter
Symbol
Unit
Repetitive peak reverse voltage
Continuous reverse voltage
RMS voltage
Forward rectified current (See fig. 1)
Maximum forward voltage
IF=6.0A
Forward surge current, 8.3ms single
half sine-wave superimposed on rated
load (JEDEC method)
VR=VRRM TA=25°C
Thermal resistance
Junction to case
Reverse current
TA=100°C
VR=VRRM
Page 1
QW-BB032
Chip Schottky Barrier Rectifier
REV:A
Comchip Technology CO., LTD.
VRRM
VR
VRMS
IO
VF
IFSM
IR
RθJA
TJ
620-G
20
20
14
40
40
28
60
60
42
6.0
0.75
75
0.5
20
80
80
80
56
100
100
70
V
V
V
A
V
A
mA
°C/W
°C
0.55
0.85
Operating temperature
Storage temperature
TSTG
-65 to +175
°C
-55 to +125
-55 to +150
3.0
Features
1
3
2=4
Dimensions in inches and (millimeters)
DPAK
0.217(5.50)
0.201(5.10)
0.264(6.70)
0.248(6.30)
0.114(2.90)
0.098(2.50)
0.244(6.20)
0.228(5.80)
0.048(1.20)
0.031(0.80)
0.185(4.70)
0.169(4.30)
0.039(1.00)
0.031(0.80)
0.024(0.60)
0.016(0.40)
0.024(0.60)
0.016(0.40)
0.098(2.50)
0.083(2.10)
0.032(0.80)
0.016(0.40)
Reverse Voltage: 20 to 100 Volts
Forward Current: 6.0 Amp
RoHS Device
CDBD620-G Thru. CDBD6100-G
Mechanical data
Case: TO-252/DPAK, molded plastic.
-
Terminals: solderable per MIL-STD-750,
-
method 2026.
Polarity: Indicated by cathode band.
-
-Weight:0.34 gram(approx.).
Weunting Position: Any
-
Maximum Ratings (At Ta=25°C, unless otherwise noted)
CDBD
640-G
CDBD
650-G
CDBD
660-G
CDBD
680-G
CDBD
6100-G
CDBD
50
50
35
RθJC
Junction to ambient
°C/W
-Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
-Low profile surface mounted application in order to
optimize board space.
-Low power loss, high efficiency.
-High current capability, low forward voltage drop.
-High surge capability.
-Guardring for overvoltage protection.
-Ultra high-speed switching.
-Silicon epitaxial planar chip, metal silicon junction.
-Lead-free parts meet environmental standards of
MIL-STD-19500 /228
IR
mA


Similar Part No. - CDBD680-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBD640-HF COMCHIP-CDBD640-HF Datasheet
485Kb / 4P
Schottky Barrier Rectifiers
REV:B
More results

Similar Description - CDBD680-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBD1020-G COMCHIP-CDBD1020-G Datasheet
106Kb / 4P
Chip Schottky Barrier Rectifier
CDBD1020-HF COMCHIP-CDBD1020-HF Datasheet
106Kb / 4P
Chip Schottky Barrier Rectifier
CDBD2020-G COMCHIP-CDBD2020-G Datasheet
106Kb / 4P
Chip Schottky Barrier Rectifier
CDBD2020-HF COMCHIP-CDBD2020-HF Datasheet
106Kb / 4P
Chip Schottky Barrier Rectifier
CDBD8060-G COMCHIP-CDBD8060-G Datasheet
59Kb / 3P
Chip Schottky Barrier Rectifier
CDBD8060-HF COMCHIP-CDBD8060-HF Datasheet
76Kb / 3P
Chip Schottky Barrier Rectifier
logo
Formosa MS
FM220-L FORMOSA-FM220-L Datasheet
165Kb / 7P
Chip Schottky Barrier Rectifier
FM5817-L FORMOSA-FM5817-L Datasheet
183Kb / 7P
Chip Schottky Barrier Rectifier
FM120-MT FORMOSA-FM120-MT Datasheet
65Kb / 7P
Chip Schottky Barrier Rectifier
LFM220 FORMOSA-LFM220 Datasheet
54Kb / 7P
Chip Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com