Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBD660-G Datasheet(PDF) 3 Page - Comchip Technology

Part # CDBD660-G
Description  Chip Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD660-G Datasheet(HTML) 3 Page - Comchip Technology

  CDBD660-G Datasheet HTML 1Page - Comchip Technology CDBD660-G Datasheet HTML 2Page - Comchip Technology CDBD660-G Datasheet HTML 3Page - Comchip Technology CDBD660-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
REV:A
Comchip Technology CO., LTD.
Chip Schottky Barrier Rectifiers
QW-BB032
B
C
d
D
D2
D1
TO-252/DPAK
SYMBOL
A
(mm)
(inch)
1.969 MIN.
8.00 ± 0.10
1.50 ± 0.10
50.0 MIN.
13.0 ± 0.50
4.00 ± 0.10
2.00 ± 0.10
16.00 ± 0.30
22.00 ± 1.0
330.00 ± 2.00
0.059 ± 0.004
13.00 ± 0.079
0.512 ± 0.020
SYMBOL
(mm)
(inch)
0.630 ± 0.012
0.315 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
0.866 ± 0.039
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
7.50 ± 0.10
0.295 ± 0.004
TO-252/DPAK
6.90 ± 0.10
0.272 ± 0.004
10.50 ± 0.10
0.413 ± 0.004
2.70 ± 0.10
0.106 ± 0.004
0.23 ± 0.10
T
0.009 ± 0.004
Reel Taping Specification
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
T
C
Direction of Feed
Index hole
d
E
F
B
W
P
P0
P1
A
D1
D2
D
W1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com