Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBD8060-G Datasheet(PDF) 3 Page - Comchip Technology

Part # CDBD8060-G
Description  Chip Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD8060-G Datasheet(HTML) 3 Page - Comchip Technology

  CDBD8060-G Datasheet HTML 1Page - Comchip Technology CDBD8060-G Datasheet HTML 2Page - Comchip Technology CDBD8060-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Chip Schottky Barrier Rectifier
Page 3
QW-BB047
REV: A
Comchip Technology CO., LTD.
Suggested PAD Layout
Part Number
Marking Code
Marking Code
CDBD8060-G
Standard Packaging
SIZE
(inch)
0.374
(mm)
9.50
2.50
16.90
0.098
0.665
10.80
0.425
X2
1.10
0.043
B
C
X1
A
TO-263 / D2PAK
CDBD8100-G
C
X1
X2
Y1
A
B
Y2
11.40
0.449
Y2
3.50
0.138
Y1
XXXXXX / XXXXXXX = Product type marking code
XXXXXX
SD8L60
SD8L100
Case Type
TO-263 / D2PAK
50
TUBE
( pcs )
TUBE PACK
2,000
BOX
( pcs )
Comchip
S M D D i o d e S p e c i a l i s t



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com