Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBHM220L-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBHM220L-HF
Description  Low VF SMD Schottky Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBHM220L-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBHM220L-HF_12 Datasheet HTML 1Page - Comchip Technology CDBHM220L-HF_12 Datasheet HTML 2Page - Comchip Technology CDBHM220L-HF_12 Datasheet HTML 3Page - Comchip Technology CDBHM220L-HF_12 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low VF SMD Schottky Bridge Rectifiers
Reverse Voltage: 20 to 100 Volts
Forward Current: 2.0 Amp
RoHS Device
Page 1
REV: A
Features
Mechanical data
-Case: molded plastic.
-Polarity: Indicated by cathode band.
-Weight: 0.125 gram(approx.).
CDBHM220L-HF Thru. CDBHM2100L-HF
QW-JL004
Comchip Technology CO., LTD.
MBS-2
Dimensions in inches and (millimeters)
-For surface mounted applications..
-Metal-Semiconductor junction with guarding.
-Very low forward Voltage drop .
Parameter
Maximum Ratings And Electrical Characteristics
Rating at TA=25°C, unless otherwise noted.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbol
Unit
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
O
Current
@TL=100 C
Peak Forward Surge Current, 8.3mS single
half sine-wave, superimposed on rated load
(JEDEC Method)
Maximum Forward Voltage at 2.0A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
O
@TJ=25 C
O
@TJ=100 C
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance (Note 2)
Operating Temperature Range
Storage Temperature Range
Notes: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2. Thermal resistance Junction to lead.
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
RθJA
TJ
TSTG
30
21
30
40
28
40
50
35
50
60
42
60
90
63
90
100
70
100
V
V
V
2.0
50
0.70
1.0
20
125
20
-55 to +125
-55 to +150
A
A
V
mA
pF
°C/W
°C
°C
20
14
20
Marking
CDBHM
220L-HF
CDBHM
230L-HF
CDBHM
240L-HF
CDBHM
250L-HF
CDBHM
260L-HF
CDBHM
280L-HF
CDBHM
290L-HF
CDBHM
2100L-HF
80
56
80
SB22S
SB23S
SB24S
SB25S
SB26S
SB28S
SB29S
SB210S
0.55
0.85
-Epitaxial construction.
-Pb free product.
-High current capability
-Plastic material has UL flammability classification 94V-0
-For use in low voltage,high frequency inverters, free
wheeling , and polarity protection applications.
SBXXS
- +
0.150(3.8)
0.275(7.0)MAX
0.165(4.2)
0.027(0.7)
0.043(1.1)
0.057(1.3)
0.067(1.7)
0.035(0.9)
0.051(1.3)
0.057(1.3)
0.067(1.7)
0.014(0.35)
0.006(0.15)
0.02(0.5)*45
°
0.106(2.7)
0.09(2.3)
0.031(0.80)
0.019(0.50)
0.177(4.5)
0.193(4.9)
0.09(2.3)
0.106(2.7)
0.008(0.2)
Halogen free


Similar Part No. - CDBHM220L-HF_12

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBHM220L-HF COMCHIP-CDBHM220L-HF Datasheet
104Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
More results

Similar Description - CDBHM220L-HF_12

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBHD120L-G COMCHIP-CDBHD120L-G Datasheet
275Kb / 2P
Low VF Schottky Bridge Rectifiers
CDBHM120L-HF COMCHIP-CDBHM120L-HF Datasheet
86Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-HF COMCHIP-CDBHM220L-HF Datasheet
104Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
CDBHD120L-G COMCHIP-CDBHD120L-G_12 Datasheet
159Kb / 4P
Low VF Schottky Bridge Rectifiers
CDBHD220-G COMCHIP-CDBHD220-G Datasheet
112Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-G COMCHIP-CDBHM120L-G Datasheet
111Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-HF COMCHIP-CDBHM120L-HF_12 Datasheet
87Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-G COMCHIP-CDBHM220L-G Datasheet
129Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
Z4DGP406L-HF COMCHIP-Z4DGP406L-HF Datasheet
448Kb / 4P
Low VF SMD Bridge Rectifiers
Z4DGP406L-HF COMCHIP-Z4DGP406L-HF Datasheet
448Kb / 4P
Low VF SMD Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com