Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBM240-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBM240-HF
Description  SMD Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBM240-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBM240-HF Datasheet HTML 1Page - Comchip Technology CDBM240-HF Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
QW-JB003
REV:A
Comchip Technology CO., LTD.
SMD Schottky Barrier Rectifiers
Rating and Characteristic Curves (
)
CDBM220-HF Thru CDBM2100-HF
Fig.2 Typical Forward Characteristics
-
0.01
VF, Forward Voltage (V)
0.1
Fig.1 - Typical Forward Current
Derating Curve
O
TA, Ambient Temperature ( C)
0
100
Fig.3 Maximum Non-repetitive Peak
-
Forward Surge Current
Number of Cycles at 60Hz
0
2.0
1.5
100
2.3
150
50
200
1.0
0
50
1
100
30
10
10
0.3
0.5
0.7
1.3
0.9
1.1
0.1
1
10
O
TJ=25 C
Pulse width 300μs
1% duty cycle
-
20
40
O
TJ=25 C
8.3ms single half
sine wave, JEDEC
method
Fig.4 Typical Junction Capacitance
-
VR, Reverse Voltage (V)
0
700
.01
100
400
1
100
300
600
0.1
10
200
500
Fig.5 Typical Reverse Characteristics
-
Percent of Rated Peak Reverse Voltage (%)
.01
100
0
140
60
.1
1
10
20
40
120
80
100
O
TJ=25 C
O
TJ=75 C
CD
BM
25
0-
HF
~C
DB
M2
60
-H
F
CD
BM
22
0-
HF
~C
DB
M2
40
-H
F
CD
BM
28
0-
HF
~C
DB
M2
10
0-
HF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com