Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLR137 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # PLR137
Description  Photo link Light Receiver Unit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PLR137 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

  PLR137 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PLR137 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PLR137 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PLR137 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PLR137 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PLR137 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PLR137 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PLR137 Datasheet HTML 8Page - Everlight Electronics Co., Ltd PLR137 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 9 of 9
Device NO.: DPL-137-002
Prepared Date:2008/3/30
Prepared By: Carryll Hsu
PLR137 SERIES
Application Notes: PLR137 SERIES PCB layout for motherboard integration
To achieve better jitter and low input optical power performances, several PCB layout
guidelines must be followed. These guidelines ensure the most reliable PLR137 SERIES POF
performance for the motherboard integration. Failed to implement these PCB guidelines may affect
the PLR137 SERIES jitter and low input power performances.
1. Careful decoupling of the power supplies is very important. Place a 0.1uf surface mount (size
805 or smaller) capacitor as close as (less than 2cm) to the POF Vdd and Gnd leads. The 0.1uf
act as a low impedance path to ground for any stray high frequency transient noises.
2. To reduce the digital noises form the digital IC on the motherboard, the planar capacitance
formed by an isolated Vcc and Gnd planes is critical. The POF device must be mounted directly
on these two planes to reduce the lead parasitic inductance.
3. The isolated Vdd and Gnd planes must be connected to the main Vcc and Gnd (digital) planes at
a single point using ferrite beads. The beads are used to block the high frequency noises from
the digital planes while still allowing the DC connections between the planes
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com