Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L075 Datasheet(PDF) 3 Page - Ensign Corporation

Part # L075
Description  Commander Class
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENSIGN [Ensign Corporation]
Direct Link  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

L075 Datasheet(HTML) 3 Page - Ensign Corporation

  L075 Datasheet HTML 1Page - Ensign Corporation L075 Datasheet HTML 2Page - Ensign Corporation L075 Datasheet HTML 3Page - Ensign Corporation L075 Datasheet HTML 4Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Partial Selection Guide (Standard Stock)
Over 159,000 additional Commander Class model configurations available!
Refer to the Part Numbering Scheme on the next page to configure your own part with following options:
Primary: 120V, 120/240V, 240V, 277V, or 240/277V
Secondary: 5V to 120V, in 1V increments
Frequency: 50/60Hz, or economy 60Hz-only
With or without current or thermal protector(s)
Temperature Class: 130
C, or 200C
Part Number
115V
Primary
115/230V
Primary
Secondary
230V
Primary
L002-1-536X
L002-2-536X
36VCT @ 65mA
L002-3-536X
L006-1-536X
L006-2-536X
36VCT @ 170mA
L006-3-536X
L012-1-536X
L012-2-536X
36VCT @ 350mA
L012-3-536X
L020-1-536X
L020-2-536X
36VCT @ 600mA
L020-3-536X
L030-1-536X
L030-2-536X
36VCT @ 850mA
L030-3-536X
L040-1-536X
L040-2-536X
36VCT @ 1.0A
L040-3-536X
L050-1-536X
L050-2-536X
36VCT @ 1.4A
L050-3-536X
L056-1-536X
L056-2-536X
36VCT @ 1.6A
L056-3-536X
L075-1-536X
L075-2-536X
36VCT @ 2.0A
L075-3-536X
L100-1-536X
L100-2-536X
36VCT @ 2.8A
L100-3-536X
L002-1-548X
L002-2-548X
48VCT @ 50mA
L002-3-548X
L006-1-548X
L006-2-548X
48VCT @ 125mA
L006-3-548X
L012-1-548X
L012-2-548X
48VCT @ 250mA
L012-3-548X
L020-1-548X
L020-2-548X
48VCT @ 400mA
L020-3-548X
L030-1-548X
L030-2-548X
48VCT @ 630mA
L030-3-548X
L040-1-548X
L040-2-548X
48VCT @ 800mA
L040-3-548X
L050-1-548X
L050-2-548X
48VCT @ 1.0A
L050-3-548X
L056-1-548X
L056-2-548X
48VCT @ 1.2A
L056-3-548X
L075-1-548X
L075-2-548X
48VCT @ 1.6A
L075-3-548X
L100-1-548X
L100-2-548X
48VCT @ 2.0A
L100-3-548X
Sales Office :
300 W Factory Rd., Addison, IL 60101 • Ph: (630) 628-9999 • Fax: (630) 628-9922 • www.ensigncorp.com
20
Take advantage of these pre-designed models, or let us customize to your requirements. That’s our specialty.
Commander Class (continued)
Part Number
115V
Primary
115/230V
Primary
Secondary
230V
Primary
L002-1-556X
L002-2-556X
56VCT @ 45mA
L002-3-556X
L006-1-556X
L006-2-556X
56VCT @ 100mA
L006-3-556X
L012-1-556X
L012-2-556X
56VCT @ 220mA
L012-3-556X
L020-1-556X
L020-2-556X
56VCT @ 400mA
L020-3-556X
L030-1-556X
L030-2-556X
56VCT @ 540mA
L030-3-556X
L040-1-556X
L040-2-556X
56VCT @ 700mA
L040-3-556X
L050-1-556X
L050-2-556X
56VCT @ 900mA
L050-3-556X
L056-1-556X
L056-2-556X
56VCT @ 1.0A
L056-3-556X
L075-1-556X
L075-2-556X
56VCT @ 1.3A
L075-3-556X
L100-1-556X
L100-2-556X
56VCT @ 1.8A
L100-3-556X
L002-1-620X
L002-2-620X
120VCT @ 20mA
L002-3-620X
L006-1-620X
L006-2-620X
120VCT @ 50mA
L006-3-620X
L012-1-620X
L012-2-620X
120VCT @ 100mA
L012-3-620X
L020-1-620X
L020-2-620X
120VCT @ 200mA
L020-3-620X
L030-1-620X
L030-2-620X
120VCT @ 250mA
L030-3-620X
L040-1-620X
L040-2-620X
120VCT @ 300mA
L040-3-620X
L050-1-620X
L050-2-620X
120VCT @ 400mA
L050-3-620X
L056-1-620X
L056-2-620X
120VCT @ 500mA
L056-3-620X
L075-1-620X
L075-2-620X
120VCT @ 600mA
L075-3-620X
L100-1-620X
L100-2-620X
120VCT @ 850mA
L100-3-620X



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com