Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBMHT150-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBMHT150-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMHT150-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBMHT150-HF Datasheet HTML 1Page - Comchip Technology CDBMHT150-HF Datasheet HTML 2Page - Comchip Technology CDBMHT150-HF Datasheet HTML 3Page - Comchip Technology CDBMHT150-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Suggested PAD Layout
Marking Code
XX
Page 4
REV:A
Comchip Technology CO., LTD.
SMD Schottky Barrier Rectifiers
Standard Packaging
SIZE
(inch)
0.031
(mm)
0.80
0.80
1.90
0.031
0.075
0.90
0.035
E
1.20
0.047
B
C
D
A
E
C
E
D
B
A
xx / xxx = Product type marking code
Pinning information
Pin
Simplified outline
Symbol
1
2
PIN 1 Cathode
PIN 2 Anode
2
1
Part Number
12
Marking Code
CDBMHT120-HF
CDBMHT140-HF
CDBMHT160-HF
CDBMHT180-HF
14
16
18
CDBMHT150-HF
15
CDBMHT130-HF
13
CDBMHT1100-HF
10
Case Type
SOD-123HT
3,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
Mini-SMA/SOD-123HT
QW-JB033
CDBMHT1150-HF
115



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com