Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBMTS220-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBMTS220-HF
Description  Low Profile SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMTS220-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBMTS220-HF Datasheet HTML 1Page - Comchip Technology CDBMTS220-HF Datasheet HTML 2Page - Comchip Technology CDBMTS220-HF Datasheet HTML 3Page - Comchip Technology CDBMTS220-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Part Number
22
Marking Code
Marking Code
CDBMTS220-HF
XX
Page 4
REV: A
Comchip Technology CO., LTD.
QW-JB031
CDBMTS240-HF
CDBMTS260-HF
CDBMTS280-HF
24
26
28
CDBMTS250-HF
25
CDBMTS230-HF
23
CDBMTS2100-HF
20
xx / xxx = Product type marking code
Suggested PAD Layout
SIZE
(inch)
0.118
(mm)
3.00
1.00
0.90
0.039
0.036
4.00
0.157
E
2.00
0.079
B
C
D
A
C
A
E
D
B
SOD-123S
Pinning information
Pin
Simplified outline
Symbol
1
2
PIN 1 Cathode
PIN 2 Anode
2
1
Low Profile SMD Schottky Barrier Rectifiers
Standard Packaging
CDBMTS2150-HF
215
CDBMTS2200-HF
220
Case Type
SOD-123S
2,500
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
Comchip
S M D D i o d e S p e c i a l i s t



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com