Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL005-3-024X Datasheet(PDF) 2 Page - Ensign Corporation

Part # IL005-3-024X
Description  Admiral Class - Lead Wires
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENSIGN [Ensign Corporation]
Direct Link  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

IL005-3-024X Datasheet(HTML) 2 Page - Ensign Corporation

  IL005-3-024X Datasheet HTML 1Page - Ensign Corporation IL005-3-024X Datasheet HTML 2Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Partial Selection Guide (Standard Stock)
Sales Office :
300 W Factory Rd., Addison, IL 60101 • Ph: (630) 628-9999 • Fax: (630) 628-9922 • www.ensigncorp.com
33
Take advantage of these pre-designed models, or let us customize to your requirements. That’s our specialty.
Admiral Class — Lead Wires
Part Number
115V
Primary
115/230V
Primary
Series Secondary
Parallel Secondary
VA
230V
Primary
IL002-1-010X
IL002-2-010X
2.5
10VCT @ 0.25A
5V @ 0.50A
IL002-3-010X
IL005-1-010X
IL005-2-010X
5.0
10VCT @ 0.50A
5V @ 1.0A
IL005-3-010X
IL010-1-010X
IL010-2-010X
10.0
10VCT @ 1.0A
5V @ 2.0A
IL010-3-010X
IL020-1-010X
IL020-2-010X
20
10VCT @ 2.0A
5V @ 4.0A
IL020-3-010X
IL030-1-010X
IL030-2-010X
30
10VCT @ 3.0A
5V @ 6.0A
IL030-3-010X
IL056-1-010X
IL056-2-010X
56
10VCT @ 5.6A
5V @ 11.2A
IL056-3-010X
IL002-1-012X
IL002-2-012X
2.5
12.6VCT @ 0.20A
6.3V @ 0.40A
IL002-3-012X
IL005-1-012X
IL005-2-012X
5.0
12.6VCT @ 0.40A
6.3V @ 0.80A
IL005-3-012X
IL010-1-012X
IL010-2-012X
10.0
12.6VCT @ 0.80A
6.3V @ 1.60A
IL010-3-012X
IL020-1-012X
IL020-2-012X
20
12.6VCT @ 1.6A
6.3V @ 3.2A
IL020-3-012X
IL030-1-012X
IL030-2-012X
30
12.6VCT @ 2.4A
6.3V @ 4.8A
IL030-3-012X
IL056-1-012X
IL056-2-012X
56
12.6VCT @ 4.4A
6.3V @ 8.8A
IL056-3-012X
IL002-1-016X
IL002-2-016X
2.5
16VCT @ 0.15A
8V @ 0.30A
IL002-3-016X
IL005-1-016X
IL005-2-016X
5.0
16VCT @ 0.31A
8V @ 0.62A
IL005-3-016X
IL010-1-016X
IL010-2-016X
10.0
16VCT @ 0.62A
8V @ 1.25A
IL010-3-016X
IL020-1-016X
IL020-2-016X
20
16VCT @ 1.25A
8V @ 2.5A
IL020-3-016X
IL030-1-016X
IL030-2-016X
30
16VCT @ 1.9A
8V @ 3.8A
IL030-3-016X
IL056-1-016X
IL056-2-016X
56
16VCT @ 3.5A
8V @ 7.0A
IL056-3-016X
IL002-1-020X
IL002-2-020X
2.5
20VCT @ 0.12A
10V @ 0.24A
IL002-3-020X
IL005-1-020X
IL005-2-020X
5.0
20VCT @ 0.25A
10V @ 0.50A
IL005-3-020X
IL010-1-020X
IL010-2-020X
10.0
20VCT @ 0.50A
10V @ 1.0A
IL010-3-020X
IL020-1-020X
IL020-2-020X
IL020-3-020X
20
20VCT @ 1.0A
10V @ 2.0A
IL030-1-020X
IL030-2-020X
IL030-3-020X
30
20VCT @ 1.5A
10V @ 3.0A
IL056-1-020X
IL056-2-020X
IL056-3-020X
56
20VCT @ 2.8A
10V @ 5.6A
IL002-1-024X
IL002-2-024X
IL002-3-024X
2.5
24VCT @ 0.10A
12V @ 0.20A
IL005-1-024X
IL005-2-024X
IL005-3-024X
5.0
24VCT @ 0.21A
12V @ 0.42A
IL010-1-024X
IL010-2-024X
IL010-3-024X
10.0
24VCT @ 0.42A
12V @ 0.84A
IL020-1-024X
IL020-2-024X
IL020-3-024X
20
24VCT @ 0.83A
12V @ 1.66A
IL030-1-024X
IL030-2-024X
IL030-3-024X
30
24VCT @ 1.25A
12V @ 2.5A
IL056-1-024X
IL056-2-024X
IL056-3-024X
56
24VCT @ 2.33A
12V @ 4.66A
IL002-1-028X
IL002-2-028X
IL002-3-028X
2.5
28VCT @ 0.09A
14V @ 0.18A
IL005-1-028X
IL005-2-028X
IL005-3-028X
5.0
28VCT @ 0.18A
14V @ 0.36A
IL010-1-028X
IL010-2-028X
IL010-3-028X
10.0
28VCT @ 0.36A
14V @ 0.72A
IL020-1-028X
IL020-2-028X
IL020-3-028X
20
28VCT @ 0.72A
14V @ 1.44A
IL030-1-028X
IL030-2-028X
IL030-3-028X
30
28VCT @ 1.06A
14V @ 2.12A
IL056-1-028X
IL056-2-028X
IL056-3-028X
56
28VCT @ 2.0A
14V @ 4.0A
IL002-1-036X
IL002-2-036X
IL002-3-036X
2.5
36VCT @ 0.07A
18V @ 0.14A
IL005-1-036X
IL005-2-036X
IL005-3-036X
5.0
36VCT @ 0.14A
18V @ 0.28A
IL010-1-036X
IL010-2-036X
IL010-3-036X
10.0
36VCT @ 0.28A
18V @ 0.56A
IL020-1-036X
IL020-2-036X
IL020-3-036X
20
36VCT @ 0.56A
18V @ 1.12A
IL030-1-036X
IL030-2-036X
IL030-3-036X
30
36VCT @ 0.82A
18V @ 1.64A
IL056-1-036X
IL056-2-036X
IL056-3-036X
56
36VCT @ 1.56A
18V @ 3.12A
Over 365,000 additional Admiral Class (Lead Wires) model configurations available!
Refer to the Part Numbering Scheme on page 36 to configure your own part with following options:
Primary: 120V, 120/240V, 240V,
100/110/120V, 200/220/240V,
120/220/240V, 100/120/200/220/240V
Secondary: 5V to 240V, in 1V increments
Frequency: 50/60Hz, or economy 60Hz-only
With or without current or thermal protector(s)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com