Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDSW19-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDSW19-G
Description  SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSW19-G Datasheet(HTML) 2 Page - Comchip Technology

  CDSW19-G Datasheet HTML 1Page - Comchip Technology CDSW19-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Characteristics (CDSW19-G/20-G/21-G)
Page 2
SMD Switching Diode
QW-B0018
Fig.1 - Forward Characteristics
Fig.2 - Typical Reverse Characteristics
REV:A
VF, Instantaneous Forward Voltage (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.001
0.01
0.1
1
O
TA=150 C
O
TA=125 C
O
TA=75 C
O
TA=25 C
O
TA=0 C
O
TA=75 C
VR, Instantaneous Reverse Voltage (V)
0
0.0001
50
100
150
200
250
0.001
0.01
0.1
1
10
100
O
TA=75 C
O
TA=25 C
O
TA=0 C
O
TA=-40 C
O
TA=75 C
O
TA=25 C
O
TA=0 C
O
TA=75 C
O
TA=75 C
O
TA=25 C
O
TA=0 C
O
TA=-40 C
O
TA=125 C
O
TA=150 C
Fig.3 - Power Derating Curve
TA, Ambient Temperature (°C)
0
0
25
50
75
100
125
150
50
100
150
200
250
300
Fig.4 - Typical Capacitance V.S.
Reverse Voltage
VR, Reverse Voltage (V)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
20
30
40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com