Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDSX400B Datasheet(PDF) 1 Page - Comchip Technology

Part # CDSX400B
Description  SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSX400B Datasheet(HTML) 1 Page - Comchip Technology

  CDSX400B Datasheet HTML 1Page - Comchip Technology CDSX400B Datasheet HTML 2Page - Comchip Technology CDSX400B Datasheet HTML 3Page - Comchip Technology CDSX400B Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RoHS Device
CDSX400B
Page 1
REV:A
0.043(1.10)
0.035(0.90)
7°
0.026(0.65)
0.022(0.55)
0.006(0.15)Max.
Dimensions in inches and (millimeter)
SOD-923
Electrical Characteristics (at TA=25°C unless otherwise noted)
uA
V
0.1
1.2
IR
VF
Reverse current
Forward voltage
Parameter
Conditions
Symbol Min Typ Max Unit
VR = 80 V
IF = 100 mA
nS
P
F
4
3
CT
Trr
Capacitance between terminals
Reverse recovery time
f = 1 MHZ,and 0.5VDC reverse voltage
VR = 6V ,IF =10 mA, RL =100 ohms
mA
V
V
500
100
80
90
IO
VR
VRRM
IFSM
Maximum Ratings (at TA=25°C unless otherwise noted)
8.3 ms single half sine-wave superimposed
on rate load ( JEDEC method)
mA
225
Repetitive peak forward current
Average forward current
Reverse voltage
Repetitive peak reverse voltage
Forward current,surge peak
Parameter
Conditions
Symbol Min Typ Max Unit
°C
°C
+150
+150
-55
TSTG
Tj
Storage temperature
Junction temperature
mW
125
PD
Power Dissipation
IFRM
mA
Features
-Designed for mounting on small surface.
-Extremely thin/leadless package.
-Low leakage current.
-High mounting capability, strong surge
withstand, high reliability.
Mechanical data
molded plastic.
-Terminals: solderable per MIL-STD-750
method 2026.
-Polarity: Indicated by cathode band.
-Mounting position: Any
QW-B0046
0.002(0.05)Max.
0.017 (0.43)
0.014 (0.35)
0.011(0.27)
0.007(0.17)
-Case: SOD-923 standard package,
0.033(0.85)
0.030(0.75)
SMD Switching Diode


Similar Part No. - CDSX400B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSX400B COMCHIP-CDSX400B Datasheet
168Kb / 4P
SMD Switching Diode
More results

Similar Description - CDSX400B

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASS355 ANACHIP-ASS355 Datasheet
96Kb / 3P
SMD Switching Diode
Rev. 0.0 Oct 29, 2003
logo
Comchip Technology
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
SMD Switching Diode
CDSFR101A COMCHIP-CDSFR101A Datasheet
75Kb / 2P
SMD Switching Diode
CDSFR355B COMCHIP-CDSFR355B Datasheet
76Kb / 2P
SMD Switching Diode
CDSFR4448 COMCHIP-CDSFR4448 Datasheet
73Kb / 2P
SMD Switching Diode
CDST4448-G COMCHIP-CDST4448-G Datasheet
76Kb / 2P
SMD Switching Diode
CDSUR400B COMCHIP-CDSUR400B Datasheet
76Kb / 2P
SMD Switching Diode
CDSF4148S-HF COMCHIP-CDSF4148S-HF Datasheet
130Kb / 4P
SMD Switching Diode
CDSQR4148S-HF COMCHIP-CDSQR4148S-HF Datasheet
125Kb / 4P
SMD Switching Diode
CDST-4448-G COMCHIP-CDST-4448-G Datasheet
385Kb / 4P
SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com