Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEFA101-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CEFA101-G
Description  SMD Efficient Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CEFA101-G Datasheet(HTML) 2 Page - Comchip Technology

  CEFA101-G Datasheet HTML 1Page - Comchip Technology CEFA101-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
QW-BE001
RATING AND CHARACTERISTIC CURVES (CEFA101-G thru CEFA105-G)
Percent of Rated Peak Reverse Voltage (%)
150
120
90
60
30
0
Fig.1 Reverse Characteristics
0.01
0.1
1
10
100
Forward Voltage (V)
0
Fig.2 Forward Characteristics
0.001
0.01
0.1
1
10
0.8
Reverse Voltage (V)
0.01
Fig.3 Junction Capacitance
0
5
15
30
35
0.1
1
10
100
Number of Cycles at 60Hz
Fig.4 Non-repetitive Forward Surge Current
0
20
30
50
Comchip Technology CO., LTD.
Page 2
REV:A
O
TJ=125 C
O
TJ=75 C
O
TJ=25 C
0.4
1.2
2.0
1.6
CEFA101-G~103-G
CEFA104-G
CEFA105-G
O
TJ=25 C
Pulse width 300μS
4% duty cycle
10
20
25
CEFA101-G~103-G
CEFA104-G~105-G
O
TJ=25 C
f=1MHz and applied
4VDC reverse voltage
1
10
100
10
40
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
Fig.5 Test Circuit Diagram and Reverse Recovery Time Characteristics
50Ω
NONINDUCTIVE
10Ω
NONINDUCTIVE
(+)
25Vdc
(approx.)
(-)
D.U.T.
1Ω
NON-
INDUCTIVE
OSCILLLISCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
(+)
(-)
NOTES: 1. Rise time=7ns max., input impedance=1 MΩ, 22pF.
2. Rise time=10ns max., input impedance=50Ω.
trr
Set time base for
50 / 10nS / cm
1cm
-1.0A
-0.25A
0
+0.5A
Fig.6 Current Derating Curve
O
Ambient Temperature (
C)
0
50
25
75
100
150
125
175
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Single phase
Half wave 60Hz
SMD Efficient Fast Recovery Rectifiers



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com