Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AHC1G14G-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC1G14G-AE5-R
Description  SINGLE SCHMITT-TRIGGER INVERTER GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC1G14G-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC1G14G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74AHC1G14G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74AHC1G14G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74AHC1G14G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74AHC1G14G-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC1G14
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-300.D
SINGLE SCHMITT-TRIGGER
INVERTER GATE
DESCRIPTION
The U74AHC1G14 contains one inverter with Schmitt-trigger,
which provides the Function Y= A
FEATURES
* Operation Voltage Range: 2~5.5V
* Max tPD of 10ns@5V
* Low Power Current:
ICC=1μA (Max.) @25°C
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AHC1G14L-AE5-R
U74AHC1G14G-AE5-R
SOT-23-5
Tape Reel
U74AHC1G14L-AF5-R
U74AHC1G14G-AF5-R
SOT-25
Tape Reel
U74AHC1G14L-AL5-R
U74AHC1G14G-AL5-R
SOT-353
Tape Reel
MARKING
L: Lead Free
G: Halogen Free
A14
3
2
1
4
5


Similar Part No. - U74AHC1G14G-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G14G-AE5-R UTC-U74AHC1G14G-AE5-R Datasheet
192Kb / 5P
SINGLE SCHMITT-TRIGGER INVERTER GATE
More results

Similar Description - U74AHC1G14G-AE5-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G14 TI-SN74AHC1G14 Datasheet
239Kb / 9P
SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHCT1G14 TI-SN74AHCT1G14 Datasheet
69Kb / 5P
SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14 TI-SN74AHC1G14_08 Datasheet
471Kb / 12P
SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14 TI-SN74AHC1G14_09 Datasheet
575Kb / 13P
SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHCT1G14 TI1-SN74AHCT1G14_13 Datasheet
876Kb / 14P
SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74AHC1G14 UTC-U74AHC1G14_15 Datasheet
192Kb / 5P
SINGLE SCHMITT-TRIGGER INVERTER GATE
U74LVC1G17 UTC-U74LVC1G17_15 Datasheet
173Kb / 5P
SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Texas Instruments
SN74AHC1G14 TI1-SN74AHC1G14_15 Datasheet
1Mb / 23P
Single Schmitt-Trigger Inverter Gate
SN74AHC1G14 TI1-SN74AHC1G14_18 Datasheet
1Mb / 28P
Single Schmitt-Trigger Inverter Gate
SN74AHCT1G14 TI1-SN74AHCT1G14_18 Datasheet
1Mb / 19P
SINGLE SCHMITT-TRIGGER INVERTER GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com