Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AHC1G66G-AL5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC1G66G-AL5-R
Description  BILATERAL SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC1G66G-AL5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC1G66G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74AHC1G66G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74AHC1G66G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74AHC1G66G-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74AHC1G66G-AL5-R Datasheet HTML 5Page - Unisonic Technologies U74AHC1G66G-AL5-R Datasheet HTML 6Page - Unisonic Technologies U74AHC1G66G-AL5-R Datasheet HTML 7Page - Unisonic Technologies U74AHC1G66G-AL5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC1G66
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-098,C
BILATERAL SWITCH
DESCRIPTION
The UTC U74AHC1G66 is an analog switch which transmits
signals from pin(Y or Z) to pin (Z or Y) with an active HIGH enable
input pin (E). When pin E is LOW, the switch is turned off.
FEATURES
* Operation voltage range: 2~5.5V
* Low power dissipation
* Very low ON-resistance: 26Ω (typ.) at VCC=3.0V
16Ω (typ.) at VCC=4.5V
14Ω (typ.) at VCC=5.5V
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74AHC1G66L-AF5-R
U74AHC1G66G-AF5-R
SOT-25
Tape Reel
U74AHC1G66L-AL5-R
U74AHC1G66G-AL5-R
SOT-353
Tape Reel
MARKING
4
5
3
2
1
A66
L: Lead Free
G: Halogen Free
SOT-25
SOT-353


Similar Part No. - U74AHC1G66G-AL5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66 Datasheet
126Kb / 7P
BILATERAL SWITCH
U74AHC1G66-AF5-R UTC-U74AHC1G66-AF5-R Datasheet
126Kb / 7P
BILATERAL SWITCH
U74AHC1G66-AL5-R UTC-U74AHC1G66-AL5-R Datasheet
126Kb / 7P
BILATERAL SWITCH
U74AHC1G66L-AF5-R UTC-U74AHC1G66L-AF5-R Datasheet
126Kb / 7P
BILATERAL SWITCH
U74AHC1G66L-AL5-R UTC-U74AHC1G66L-AL5-R Datasheet
126Kb / 7P
BILATERAL SWITCH
More results

Similar Description - U74AHC1G66G-AL5-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
Bilateral switch
2002 May 15
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
BILATERAL SWITCH
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
Bilateral switch
Rev. 02-28 August 2007
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
Bilateral switch
Rev. 5-16 June 2010
logo
Unisonic Technologies
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
BILATERAL SWITCH
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
BILATERAL SWITCH
U74HC1G66 UTC-U74HC1G66_15 Datasheet
196Kb / 6P
BILATERAL SWITCH
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
Bilateral switch
Rev. 12 - 12 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com