Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDF5V0H-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDF5V0H-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDF5V0H-HF Datasheet(HTML) 1 Page - Comchip Technology

  CPDF5V0H-HF Datasheet HTML 1Page - Comchip Technology CPDF5V0H-HF Datasheet HTML 2Page - Comchip Technology CPDF5V0H-HF Datasheet HTML 3Page - Comchip Technology CPDF5V0H-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPDF5V0H-HF
Page 1
Maximum Rating and Electrical Characteristics
O
(at TA=25 C unless otherwise noted)
Comchip Technology CO., LTD.
REV: A
QW-G7049
Symbol
Typ
Parameter
Min
Max Unit
Junction capacitance
Conditions
Diode breakdown voltage
VBD
V
IR = 1mA
Leakage current
IL
uA
20
CT
pF
VR =0V,f =1MHz
5.5
7.0
1.0
VR = 5V
ESD capability
kV
30
Storage temperature
Operation temperature
125
°C
TSTG
Tj
°C
150
-55
ESD
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
30
Peak Pulse Power
Clamping Voltage
11
V
PPP
Vc
140
IPP = 7 A, tp=8/20us
IPP = 1 A, tp=8/20us
Vc
V
20
TP=8/20us
W
ESD
kV
SMD ESD Protection Diode
RoHS Device
Halogen Free
Features
-Bi-directional ESD protection
-IEC 61000-4-5 (surge) ; IPP=7A
-IEC 61000-4-2 (ESD) ; ±30KV(contact)
Mechanical data
-Case:
Standard package ,
1005/SOD-323F
molded plastic.
-Terminals: Gold plated, solderable per
MIL-STD-750, method 2026.
-Marking Code: E05
-Mounting position: Any.
-Weight: 0.003 gram (approx.).
-Low clamping voltage
-Low leakage current
Dimensions in inches and (millimeter)
1005/SOD-323F
0.102(2.60)
0.095(2.40)
0.020(0.50) Typ.
0.051(1.30)
0.043(1.10)
0.035(0.90)
0.027(0.70)
Dimensions in inches and (millimeter)
1005/SOD-323F
0.012 (0.30) Typ.
0.040(1.00) Typ.


Similar Part No. - CPDF5V0H-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDF5V0 COMCHIP-CPDF5V0 Datasheet
54Kb / 1P
SMD ESD Protection Diode
CPDF5V0-HF COMCHIP-CPDF5V0-HF Datasheet
189Kb / 4P
SMD ESD Protection Diode
CPDF5V0C-HF COMCHIP-CPDF5V0C-HF Datasheet
90Kb / 4P
SMD ESD Protection Diode
CPDF5V0U COMCHIP-CPDF5V0U Datasheet
200Kb / 4P
SMD ESD Protection Diode
CPDF5V0U-HF COMCHIP-CPDF5V0U-HF Datasheet
200Kb / 4P
SMD ESD Protection Diode
More results

Similar Description - CPDF5V0H-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com