Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS520S Datasheet(PDF) 2 Page - WILLAS ELECTRONIC CORP

Part # SCS520S
Description  VOLTAGE 30V 0.2 Amp Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SCS520S Datasheet(HTML) 2 Page - WILLAS ELECTRONIC CORP

  SCS520S Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SCS520S Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCS520S
VOLTAGE 30V
0.2 Amp Surface Mount Schottky Barrier Rectifiers
ELECTRICAL CHARACTERISTICS ( Ta=25
)
1
10
100
1m
10m
100m
1
FOR WAR D VOLTAG E : V F (V )
0
0.1
0.2
0.3
0.4
0.5
0.7
0.6
F ig. 1 F orward characteris tics
1n
10n
100n
1
10
100
1m
RE V E RS E VOLTAG E : V R (V )
010
20
30
Ta=125 C
75 C
25 C
25 C
F ig. 2 R evers e characteris tics
0
102030
1
10
100
RE V E RS E V OLT AG E : V R (V )
F ig. 3 C apacitance between
terminals characteris tics
f
1MHz
0
0
20
40
60
80
100
25
50
75
100
125
AMB IENT T EMP ER AT UR E : T a (ûC )
F ig 4. Derating curve
(mounting on glas s epoxy P C B s )
WILLAS
WILLAS ELECTRONIC CORP.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com