Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB80C166 Datasheet(PDF) 42 Page - Siemens Semiconductor Group

Part # SAB80C166
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB80C166 Datasheet(HTML) 42 Page - Siemens Semiconductor Group

Back Button SAB80C166 Datasheet HTML 38Page - Siemens Semiconductor Group SAB80C166 Datasheet HTML 39Page - Siemens Semiconductor Group SAB80C166 Datasheet HTML 40Page - Siemens Semiconductor Group SAB80C166 Datasheet HTML 41Page - Siemens Semiconductor Group SAB80C166 Datasheet HTML 42Page - Siemens Semiconductor Group SAB80C166 Datasheet HTML 43Page - Siemens Semiconductor Group SAB80C166 Datasheet HTML 44Page - Siemens Semiconductor Group SAB80C166 Datasheet HTML 45Page - Siemens Semiconductor Group SAB80C166 Datasheet HTML 46Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
SAB 80C166/83C166
Semiconductor Group
41
AC Characteristics (cont’d)
Demultiplexed Bus
V
CC = 5 V ± 10 %;
V
SS = 0 V
T
A = 0 to +70 ˚C
for SAB 83C166-5M, SAB 80C166-M
T
A = -40 to +85 ˚C
for SAB 83C166-5M-T3, SAB 80C166-M-T3
C
L (for Port 0, Port 1, Port 4, ALE, RD, WR, BHE, CLKOUT) = 100 pF
ALE cycle time = 4 TCL + 2
t
A + tC + tF (100 ns at 20-MHz CPU clock without waitstates)
Parameter
Symbol
Max. CPU Clock
= 20 MHz
Variable CPU Clock
1/2TCL = 1 to 20 MHz
Unit
min.
max.
min.
max.
ALE high time
t
5
CC 15 +
t
A
–
TCL - 10 +
t
A
–ns
Address setup to ALE
t
6
CC 10 +
t
A
–
TCL - 15 +
t
A
–ns
ALE falling edge to RD,
WR (with RW-delay)
t
8
CC 15 +
t
A
–
TCL - 10
+
t
A
–ns
ALE falling edge to RD,
WR (no RW-delay)
t
9
CC -10 +
t
A
–
-10
+
t
A
–ns
RD, WR low time
(with RW-delay)
t
12
CC 40 +
t
C
–
2TCL - 10
+
t
C
–ns
RD, WR low time
(no RW-delay)
t
13
CC 65 +
t
C
–
3TCL - 10
+
t
C
–ns
RD to valid data in
(with RW-delay)
t
14
SR –
30 +
t
C
–
2TCL - 20
+
t
C
ns
RD to valid data in
(no RW-delay)
t
15
SR –
55 +
t
C
–
3TCL - 20
+
t
C
ns
ALE low to valid data in
t
16
SR –
55
+
t
A + tC
–
3TCL - 20
+
t
A + tC
ns
Address to valid data in
t
17
SR –
75
+ 2
t
A + tC
–
4TCL - 25
+ 2
t
A + tC
ns
Data hold after RD
rising edge
t
18
SR 0
–
0–ns
Data float after RD rising
edge (with RW-delay)
t
20
SR –
35 +
t
F
–
2TCL - 15
+
t
F
ns
Data float after RD rising
edge (no RW-delay)
t
21
SR –
15 +
t
F
–
TCL - 10
+
t
F
ns
Data valid to WR
t
22
CC 35 +
t
C
–
2TCL - 15
+
t
C
–ns
Data hold after WR
t
24
CC 15 +
t
F
–
TCL - 10 +
t
F
–ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com